Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8403ASTT3G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV8403ASTT3G
Description  Self-Protected Low Side Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8403ASTT3G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV8403ASTT3G Datasheet HTML 4Page - ON Semiconductor NCV8403ASTT3G Datasheet HTML 5Page - ON Semiconductor NCV8403ASTT3G Datasheet HTML 6Page - ON Semiconductor NCV8403ASTT3G Datasheet HTML 7Page - ON Semiconductor NCV8403ASTT3G Datasheet HTML 8Page - ON Semiconductor NCV8403ASTT3G Datasheet HTML 9Page - ON Semiconductor NCV8403ASTT3G Datasheet HTML 10Page - ON Semiconductor NCV8403ASTT3G Datasheet HTML 11Page - ON Semiconductor NCV8403ASTT3G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NCV8403A, NCV8403B
www.onsemi.com
11
PACKAGE DIMENSIONS
SOT−223 (TO−261)
CASE 318E−04
ISSUE N
STYLE 3:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
A1
b1
D
E
b
e
e1
4
12
3
0.08 (0003)
A
L1
C
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCH.
1.5
0.059
mm
inches
SCALE 6:1
3.8
0.15
2.0
0.079
6.3
0.248
2.3
0.091
2.3
0.091
2.0
0.079
SOLDERING FOOTPRINT
HE
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
1.50
1.63
1.75
0.060
INCHES
A1
0.02
0.06
0.10
0.001
b
0.60
0.75
0.89
0.024
b1
2.90
3.06
3.20
0.115
c
0.24
0.29
0.35
0.009
D
6.30
6.50
6.70
0.249
E
3.30
3.50
3.70
0.130
e
2.20
2.30
2.40
0.087
0.85
0.94
1.05
0.033
0.064
0.068
0.002
0.004
0.030
0.035
0.121
0.126
0.012
0.014
0.256
0.263
0.138
0.145
0.091
0.094
0.037
0.041
NOM
MAX
L1
1.50
1.75
2.00
0.060
6.70
7.00
7.30
0.264
0.069
0.078
0.276
0.287
H E
e1
0
°
10
°
0
°
10
°
q
q
L
L
0.20
−−−
−−−
0.008
−−−
−−−


Similar Part No. - NCV8403ASTT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8403ASTT3G ONSEMI-NCV8403ASTT3G Datasheet
288Kb / 14P
   Self-Protected Low Side Driver with Temperature and Current Limit 42 V, 14 A, Single N-Channel
August, 2022 - Rev. 14
More results

Similar Description - NCV8403ASTT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8401A ONSEMI-NCV8401A Datasheet
97Kb / 10P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 12
NCV8402 ONSEMI-NCV8402_16 Datasheet
114Kb / 13P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 21
NCV8406A ONSEMI-NCV8406A Datasheet
113Kb / 12P
   Self-Protected Low Side Driver
March, 2017 ??Rev. 6
NCV8406 ONSEMI-NCV8406 Datasheet
115Kb / 12P
   Self-Protected Low Side Driver
November, 2015 ??Rev. 4
NCV8408 ONSEMI-NCV8408_16 Datasheet
110Kb / 9P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 6
NCV8405A ONSEMI-NCV8405A Datasheet
111Kb / 12P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 5
NCV8402D ONSEMI-NCV8402D_16 Datasheet
95Kb / 11P
   Dual Self-Protected Low-Side Driver
July, 2016 ??Rev. 3
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
   Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8461 ONSEMI-NCV8461_17 Datasheet
108Kb / 10P
   Self Protected High Side Driver
January, 2017 ??Rev. 4
NCV8445 ONSEMI-NCV8445 Datasheet
120Kb / 16P
   Self Protected High Side Driver
December, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com