Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M93C46-A125 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M93C46-A125
Description  READY/BUSY signal during programming
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C46-A125 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M93C46-A125 Datasheet HTML 5Page - STMicroelectronics M93C46-A125 Datasheet HTML 6Page - STMicroelectronics M93C46-A125 Datasheet HTML 7Page - STMicroelectronics M93C46-A125 Datasheet HTML 8Page - STMicroelectronics M93C46-A125 Datasheet HTML 9Page - STMicroelectronics M93C46-A125 Datasheet HTML 10Page - STMicroelectronics M93C46-A125 Datasheet HTML 11Page - STMicroelectronics M93C46-A125 Datasheet HTML 12Page - STMicroelectronics M93C46-A125 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
DocID024752 Rev 5
9/31
M93Cx6-A125
Operating features
30
3
Operating features
3.1
Supply voltage (VCC)
3.1.1
Operating supply voltage (VCC)
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied. In order to secure a stable
DC supply voltage, it is recommended to decouple the VCC line with a suitable capacitor
(usually of the order of 10 nF to 100 nF) close to the VCC/VSS package pins.
This voltage must remain stable and valid until the end of the transmission of the instruction
and, for a Write instruction, until the completion of the internal write cycle (tW).
3.1.2
Power-up conditions
When the power supply is turned on, VCC rises from VSS to VCC. During this time, the Chip
Select (S) line is not allowed to float and should be driven to VSS, it is therefore
recommended to connect the S line to VSS via a suitable pull-down resistor.
3.1.3
Power-up and device reset
In order to prevent inadvertent Write operations during power-up, a power on reset (POR)
circuit is included. At power-up (continuous rise of VCC), the device does not respond to any
instruction until VCC has reached the power on reset threshold voltage (this threshold is
lower than the minimum VCC operating voltage defined in Operating conditions, in
Section 11: DC and AC parameters).
When VCC passes the POR threshold, the device is reset and is in the following state:
Standby Power mode
deselected (assuming that there is a pull-down resistor on the S line)
3.1.4
Power-down
At power-down (continuous decrease in VCC), as soon as VCC drops from the normal
operating voltage to below the power on reset threshold voltage, the device stops
responding to any instruction sent to it.
During power-down, the device must be deselected and in the Standby Power mode (that is,
there should be no internal Write cycle in progress).


Similar Part No. - M93C46-A125

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C46-A125 STMICROELECTRONICS-M93C46-A125 Datasheet
563Kb / 31P
   Automotive 16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit
More results

Similar Description - M93C46-A125

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EV58064BXXN RENESAS-R1EV58064BXXN_15 Datasheet
457Kb / 25P
   64K EEPROM (8-Kword 횞 8-bit) Ready/Busy function
logo
PHOENIX CONTACT
2865078 PHOENIX-2865078 Datasheet
82Kb / 5P
   Programming during operation and also voltage-free using IFS-USB-PROG-ADAPTER programming adapter
logo
Hitachi Semiconductor
HN58S65A HITACHI-HN58S65A Datasheet
93Kb / 18P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function
logo
Renesas Technology Corp
R1EV5801MB RENESAS-R1EV5801MB Datasheet
776Kb / 22P
   1M EEPROM (128-Kword × 8-bit)Ready/ Busy and RES function
May 12, 2016
HN58V1001 RENESAS-HN58V1001 Datasheet
260Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
logo
Hitachi Semiconductor
HN58V256A HITACHI-HN58V256A Datasheet
118Kb / 24P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
HN58V1001 HITACHI-HN58V1001 Datasheet
119Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58C1001 HITACHI-HN58C1001 Datasheet
117Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
logo
Renesas Technology Corp
HN58C1001 RENESAS-HN58C1001 Datasheet
232Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_16 Datasheet
777Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready Busy and RES function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com