Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

85222AM-01LF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 85222AM-01LF
Description  Dual LVCMOS / LVTTL-to-Differential HSTL Translator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

85222AM-01LF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 85222AM-01LF Datasheet HTML 5Page - Integrated Device Technology 85222AM-01LF Datasheet HTML 6Page - Integrated Device Technology 85222AM-01LF Datasheet HTML 7Page - Integrated Device Technology 85222AM-01LF Datasheet HTML 8Page - Integrated Device Technology 85222AM-01LF Datasheet HTML 9Page - Integrated Device Technology 85222AM-01LF Datasheet HTML 10Page - Integrated Device Technology 85222AM-01LF Datasheet HTML 11Page - Integrated Device Technology 85222AM-01LF Datasheet HTML 12Page - Integrated Device Technology 85222AM-01LF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
REVISION A 5/7/15
85222-01 DATA SHEET
9
DUAL LVCMOS / LVTTL-TODIFFERENTIAL
HSTL TRANSLATOR
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
HSTL output driver circuit and termination are shown in Figure 3.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load.
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = (V
OH_MAX /RL) * (VDD_MAX - VOH_MAX)
Pd_L = (V
OL_MAX /RL) * (VDD_MAX - VOL_MAX)
Pd_H = (1.4V/50
Ω) * (3.465V - 1.4V) = 57.82mW
Pd_L = (0.4V/50
Ω) * (3.465V - 0.4V) = 24.52mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 82.34mW
FIGURE 3. HSTL DRIVER CIRCUIT AND TERMINATION


Similar Part No. - 85222AM-01LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
85222AM-01LF RENESAS-85222AM-01LF Datasheet
390Kb / 15P
   Dual LVCMOS / LVTTL-to-Differential HSTL Translator
5/7/15
85222AM-01LFT RENESAS-85222AM-01LFT Datasheet
390Kb / 15P
   Dual LVCMOS / LVTTL-to-Differential HSTL Translator
5/7/15
More results

Similar Description - 85222AM-01LF

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO100HSTL22A POTATO-PO100HSTL22A Datasheet
520Kb / 6P
   Dual LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL50A POTATO-PO100HSTL50A Datasheet
690Kb / 8P
   Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator Dual LVTTL/LVCMOS to Differential HSTL Translator
logo
Renesas Technology Corp
85222-01 RENESAS-85222-01 Datasheet
390Kb / 15P
   Dual LVCMOS / LVTTL-to-Differential HSTL Translator
5/7/15
logo
Potato Semiconductor Co...
PO100HSTL180A POTATO-PO100HSTL180A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL179A POTATO-PO100HSTL179A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
logo
Integrated Device Techn...
ICS85222I-02 IDT-ICS85222I-02 Datasheet
257Kb / 12P
   1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
logo
Integrated Circuit Syst...
ICS85222-02 ICST-ICS85222-02 Datasheet
130Kb / 10P
   1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
logo
Integrated Device Techn...
85222-02 IDT-85222-02 Datasheet
211Kb / 12P
   1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
logo
Renesas Technology Corp
85222-02 RENESAS-85222-02 Datasheet
364Kb / 13P
   1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
6/15/15
ICS85222I-02 RENESAS-ICS85222I-02 Datasheet
687Kb / 13P
   1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com