Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

84329-01 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 84329-01
Description  700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

84329-01 Datasheet(HTML) 3 Page - Integrated Device Technology

  84329-01_14 Datasheet HTML 1Page - Integrated Device Technology 84329-01_14 Datasheet HTML 2Page - Integrated Device Technology 84329-01_14 Datasheet HTML 3Page - Integrated Device Technology 84329-01_14 Datasheet HTML 4Page - Integrated Device Technology 84329-01_14 Datasheet HTML 5Page - Integrated Device Technology 84329-01_14 Datasheet HTML 6Page - Integrated Device Technology 84329-01_14 Datasheet HTML 7Page - Integrated Device Technology 84329-01_14 Datasheet HTML 8Page - Integrated Device Technology 84329-01_14 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
84329AM-01
www.idt.com
REV. D
APRIL 9, 2014
3
84329-01
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V
DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
TABLE 2. PIN CHARACTERISTICS
TABLE 1. PIN DESCRIPTIONS
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input Pullup Resistor
51
k
Ω
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
Name
Type
Description
M0, M1, M2, M3,
M4, M5, M6, M7, M8
Input
Pullup
M divider inputs. Data latched on LOW-to-HIGH transistion of nP_LOAD input.
LVCMOS / LVTTL interface levels.
N0, N1
Input
Pullup
Determines N output divider value as defined in Table 3C Function Table.
LVCMOS / LVTTL interface levels.
V
EE
Power
Negative supply pins.
TEST
Output
Test output which is used in the serial mode of operation.
LVCMOS / LVTTL interface levels.
V
CC
Power
Core supply pins.
nFOUT, FOUT
Output
Differential output for the synthesizer. 3.3V LVPECL interface levels.
S_CLOCK
Input
Pulldown
Clocks the serial data present at S_DATA input into the shift register
on the rising edge of S_CLOCK. LVCMOS / LVTTL interface levels.
S_DATA
Input
Pulldown
Shift register serial input. Data sampled on the rising edge of S_CLOCK.
LVCMOS / LVTTL interface levels.
S_LOAD
Input
Pulldown
Controls transition of data from shift register into the M divider.
LVCMOS / LVTTL interface levels.
V
CCA
Power
Analog supply pin.
nc
Unused
No connect.
XTAL1, XTAL2
Input
Crystal oscillator interface. XTAL1 is the input. XTAL2 is the output.
nP_LOAD
Input
Pullup
Parallel load input. Determines when data present at M8:M0 is loaded into
the M divider, and when data present at N1:N0 sets the N output divider value.
LVCMOS / LVTTL interface levels.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.


Similar Part No. - 84329-01_14

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
84329-01 RENESAS-84329-01 Datasheet
836Kb / 21P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APRIL 9, 2014
More results

Similar Description - 84329-01_14

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS84329-01 IDT-ICS84329-01 Datasheet
338Kb / 20P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329-01 RENESAS-84329-01 Datasheet
836Kb / 21P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APRIL 9, 2014
logo
Integrated Circuit Syst...
ICS84329 ICST-ICS84329 Datasheet
279Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84329-01B ICST-ICS84329-01B Datasheet
270Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-02 ICST-ICS84330-02 Datasheet
226Kb / 17P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-03 ICST-ICS84330-03 Datasheet
248Kb / 20P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330 ICST-ICS84330 Datasheet
368Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-01 ICST-ICS84330-01 Datasheet
242Kb / 15P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84330B-03 RENESAS-84330B-03 Datasheet
578Kb / 24P
   700MHz, Low Jitter, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
January 15, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com