Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8545I-02 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 8545I-02
Description  Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8545I-02 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 8545I-02 Datasheet HTML 5Page - Integrated Device Technology 8545I-02 Datasheet HTML 6Page - Integrated Device Technology 8545I-02 Datasheet HTML 7Page - Integrated Device Technology 8545I-02 Datasheet HTML 8Page - Integrated Device Technology 8545I-02 Datasheet HTML 9Page - Integrated Device Technology 8545I-02 Datasheet HTML 10Page - Integrated Device Technology 8545I-02 Datasheet HTML 11Page - Integrated Device Technology 8545I-02 Datasheet HTML 12Page - Integrated Device Technology 8545I-02 Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
8545AGI-02 REVISION A 5/7/15
11
©2015 Integrated Device Technology, Inc.
8545I-02 Data Sheet
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
Reliability Information
Table 7.
JA vs. Air Flow Table for a 20 Lead TSSOP
Transistor Count
The transistor count for 8545I-02 is: 360
Package Outline and Package Dimensions
Package Outline - G Suffix for 20 Lead TSSOP
Table 8. Package Dimensions
Reference Document: JEDEC Publication 95, MO-153
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
91.1°C/W
86.7°C/W
84.6°C/W
All Dimensions in Millimeters
Symbol
Minimum
Maximum
N
20
A
1.20
A1
0.05
0.15
A2
0.80
1.05
b
0.19
0.30
c
0.09
0.20
D
6.40
6.60
E
6.40 Basic
E1
4.30
4.50
e
0.65 Basic
L
0.45
0.75
aaa
0.10


Similar Part No. - 8545I-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8545I-02 RENESAS-8545I-02 Datasheet
390Kb / 14P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
REVISION A 5/7/15
More results

Similar Description - 8545I-02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
854105I RENESAS-854105I Datasheet
474Kb / 14P
   Low Skew, 1-to-4, LVCMOS/ LVTTL-to-LVDS Fanout Buffer
February 23, 2016
logo
Integrated Device Techn...
8545-02 IDT-8545-02_12 Datasheet
240Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
8545 IDT-8545 Datasheet
228Kb / 15P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545I-02 IDT-ICS8545I-02 Datasheet
675Kb / 13P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
8545I-02 RENESAS-8545I-02 Datasheet
390Kb / 14P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
REVISION A 5/7/15
logo
Integrated Device Techn...
ICS8545I IDT-ICS8545I Datasheet
715Kb / 15P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
854105 RENESAS-854105 Datasheet
407Kb / 14P
   Low Skew, 1-to-4, LVCMOS/LVTTL-to-LVDS Fanout Buffer
7/10/15
8545-01 RENESAS-8545-01 Datasheet
413Kb / 14P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
Rev A 7/10/15
8545-02 RENESAS-8545-02 Datasheet
402Kb / 14P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
REV. A 5/7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com