Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8545I-02 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 8545I-02
Description  Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8545I-02 Datasheet(HTML) 4 Page - Integrated Device Technology

  8545I-02 Datasheet HTML 1Page - Integrated Device Technology 8545I-02 Datasheet HTML 2Page - Integrated Device Technology 8545I-02 Datasheet HTML 3Page - Integrated Device Technology 8545I-02 Datasheet HTML 4Page - Integrated Device Technology 8545I-02 Datasheet HTML 5Page - Integrated Device Technology 8545I-02 Datasheet HTML 6Page - Integrated Device Technology 8545I-02 Datasheet HTML 7Page - Integrated Device Technology 8545I-02 Datasheet HTML 8Page - Integrated Device Technology 8545I-02 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
8545AGI-02 REVISION A 5/7/15
4
©2015 Integrated Device Technology, Inc.
8545I-02 Data Sheet
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
Table 4B. LVCMOS/LVTTL DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
Table 4C. LVDS DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, IO
Continuos Current
Surge Current
10mA
15mA
Package Thermal Impedance,
JA
91.1
C/W (0 mps)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
3.135
3.3
3.465
V
IDD
Power Supply Current
90
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input
High Current
CLK1, CLK2, CLK_SEL
VDD = VIN = 3.465V
150
µA
OE, CLK_EN
VDD = VIN = 3.465V
5
µA
IIL
Input
Low Current
CLK1, CLK2, CLK_SEL
VDD = 3.465V, VIN = 0V
-5
µA
OE, CLK_EN
VDD = 3.465V, VIN = 0V
-150
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
275
525
mV
V
OD
VOD Magnitude Change
50
mV
VOS
Offset Voltage
1.1
1.25
1.4
V
V
OS
VOS Magnitude Change
5
50
mV


Similar Part No. - 8545I-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8545I-02 RENESAS-8545I-02 Datasheet
390Kb / 14P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
REVISION A 5/7/15
More results

Similar Description - 8545I-02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
854105I RENESAS-854105I Datasheet
474Kb / 14P
   Low Skew, 1-to-4, LVCMOS/ LVTTL-to-LVDS Fanout Buffer
February 23, 2016
logo
Integrated Device Techn...
8545-02 IDT-8545-02_12 Datasheet
240Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
8545 IDT-8545 Datasheet
228Kb / 15P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545I-02 IDT-ICS8545I-02 Datasheet
675Kb / 13P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
8545I-02 RENESAS-8545I-02 Datasheet
390Kb / 14P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
REVISION A 5/7/15
logo
Integrated Device Techn...
ICS8545I IDT-ICS8545I Datasheet
715Kb / 15P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
854105 RENESAS-854105 Datasheet
407Kb / 14P
   Low Skew, 1-to-4, LVCMOS/LVTTL-to-LVDS Fanout Buffer
7/10/15
8545-01 RENESAS-8545-01 Datasheet
413Kb / 14P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
Rev A 7/10/15
8545-02 RENESAS-8545-02 Datasheet
402Kb / 14P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
REV. A 5/7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com