Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82V3155 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 82V3155
Description  ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

82V3155 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 82V3155 Datasheet HTML 4Page - Integrated Device Technology 82V3155 Datasheet HTML 5Page - Integrated Device Technology 82V3155 Datasheet HTML 6Page - Integrated Device Technology 82V3155 Datasheet HTML 7Page - Integrated Device Technology 82V3155 Datasheet HTML 8Page - Integrated Device Technology 82V3155 Datasheet HTML 9Page - Integrated Device Technology 82V3155 Datasheet HTML 10Page - Integrated Device Technology 82V3155 Datasheet HTML 11Page - Integrated Device Technology 82V3155 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Pin Description
8
January 11, 2017
82V3155
ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
MON_out1
O8
Frequency Out-of-range Indicator for Fref1.
A logic high at this pin indicates that Fref1 is off the nominal frequency by more than ±12 ppm.
C155POS
C155NEG
(LVDS) O
21
22
155.52 MHz Clock Output (LVDS Level).
This pair of pins output a 155.52 MHz clock, used for OC3/STS3 and SDH/SONET applications.
C19o
(CMOS) O
43
19.44 MHz Clock Output (CMOS Level).
This output is a 19.44 MHz clock used for OC3/STS3 applications.
C32o
(CMOS) O
25
32.768 MHz Clock Output.
This output is a 32.768 MHz clock used for ST-BUS operation.
C16o
(CMOS) O
24
16.384 MHz Clock Output.
This output is a 16.384 MHz clock used for ST-BUS operation.
C8o
(CMOS) O
23
8.192 MHz Clock Output.
This output is an 8.192 MHz clock used for ST-BUS operation.
C4o
(CMOS) O
20
4.096 MHz Clock Output.
This output is a 4.096 MHz clock used for ST-BUS operation.
C2o
(CMOS) O
17
2.048 MHz Clock Output.
This output is a 2.048 MHz clock used for ST-BUS operation.
C3o
(CMOS) O
16
3.088 MHz Clock Output.
This output is a 3.088 MHz clock used for T1 applications.
C1.5o
(CMOS) O
15
1.544 MHz Clock Output.
This output is a 1.544 MHz clock used for T1 applications.
C6o
(CMOS) O
14
6.312 MHz Clock Output.
This output is a 6.312 MHz clock used for DS2 applications.
C2/C1.5
(CMOS) O
54
2.048 MHz or 1.544 MHz Clock Output.
This output is a 2.048 MHz or 1.544 MHz clock signal. If the selected reference input (Fref0 or Fref1) is 8 kHz, 2.048
MHz, or 19.44 MHz, the C2/C1.5 pin will output a 2.048 MHz clock signal. If the frequency of the selected reference
input (Fref0 or Fref1) is 1.544 MHz, the C2/C1.5 pin will output a 1.544 MHz clock signal. Refer to Table - 5 for
details.
F19o
(CMOS) O
49
8 kHz Frame Signal with 19.44 MHz Pulse Width.
This output is used for OC3/STS3 applications.
F32o
(CMOS) O
40
Frame Pulse ST-BUS 8.192 Mb/s.
This is an 8 kHz 30 ns active low framing pulse, which marks the beginning of an ST-BUS frame. This framing signal
is typically used for ST-BUS operation at 8.192 Mb/s.
F16o
(CMOS) O
39
Frame Pulse ST-BUS 8.192 Mb/s.
This is an 8 kHz 61 ns active low framing pulse, which marks the beginning of an ST-BUS frame. This framing signal
is typically used for ST-BUS operation at 8.192 Mb/s.
F8o
(CMOS) O
36
Frame Pulse.
This is an 8 kHz 122 ns active high framing pulse, which marks the beginning of a frame.
F0o
(CMOS) O
33
Frame Pulse ST-BUS 2.048 Mb/s.
This is an 8 kHz 244 ns active low framing pulse, which marks the beginning of an ST-BUS frame. This framing
signal is typically used for ST-BUS operation at 2.048 Mb/s and 4.096 Mb/s.
RSP
(CMOS) O
41
Receive Sync Pulse.
This is an 8 kHz 488 ns active high framing pulse, which marks the beginning of a ST-BUS frame. This framing
signal is typically used to connect to the Siemens MUNICH-32 device.
TSP
(CMOS) O
42
Transmit Sync Pulse.
This is an 8 kHz 488 ns active high framing pulse, which marks the beginning of an ST-BUS frame. This framing is
typically used to connect to the Siemens MUNICH-32 device.
TDO
(CMOS) O
29
Test Serial Data Out.
JTAG serial data is output on this pin on the falling edge of TCK. This pin is held in high impedance state when
JTAG scan is not enabled.
TDI
I32
Test Serial Data In.
JTAG serial test instructions and data are shifted in on this pin. This pin is internally pulled up to VDDD.
Name
Type
Pin Number
Description


Similar Part No. - 82V3155

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82V3155 RENESAS-82V3155 Datasheet
576Kb / 35P
   ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
January 11, 2017
More results

Similar Description - 82V3155

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3155 IDT-IDT82V3155 Datasheet
423Kb / 30P
   ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
logo
Renesas Technology Corp
82V3155 RENESAS-82V3155 Datasheet
576Kb / 35P
   ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
January 11, 2017
logo
Integrated Device Techn...
82V3012 IDT-82V3012 Datasheet
456Kb / 32P
   T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
logo
Renesas Technology Corp
IDT82V3012 RENESAS-IDT82V3012 Datasheet
633Kb / 33P
   T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
February 6, 2009
logo
Integrated Device Techn...
IDT82V3011 IDT-IDT82V3011 Datasheet
403Kb / 30P
   T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
logo
Renesas Technology Corp
IDT82V3011 RENESAS-IDT82V3011 Datasheet
516Kb / 32P
   T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
May 24, 2006
IDT82V3010 RENESAS-IDT82V3010 Datasheet
171Kb / 31P
   T1/E1/OC3 TELECOM CLOCK GENERATOR WITH DUAL REFERENCE INPUTS
November 14, 2012
logo
Integrated Device Techn...
IDT82V3010 IDT-IDT82V3010 Datasheet
391Kb / 31P
   T1/E1/OC3 TELECOM CLOCK GENERATOR WITH DUAL REFERENCE INPUTS
IDT82V3002A IDT-IDT82V3002A Datasheet
390Kb / 28P
   WAN PLL WITH DUAL REFERENCE INPUTS
logo
Renesas Technology Corp
IDT82V3002A RENESAS-IDT82V3002A Datasheet
1Mb / 30P
   WAN PLL WITH DUAL REFERENCE INPUTS
October 15, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com