Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FCT244TDBGB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 74FCT244TDBGB
Description  FAST CMOS OCTAL BUFFER/LIN DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT244TDBGB Datasheet(HTML) 5 Page - Integrated Device Technology

  74FCT244TDBGB Datasheet HTML 1Page - Integrated Device Technology 74FCT244TDBGB Datasheet HTML 2Page - Integrated Device Technology 74FCT244TDBGB Datasheet HTML 3Page - Integrated Device Technology 74FCT244TDBGB Datasheet HTML 4Page - Integrated Device Technology 74FCT244TDBGB Datasheet HTML 5Page - Integrated Device Technology 74FCT244TDBGB Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT244T/AT/CT
FASTCMOSOCTALBUFFER/LINEDRIVER
5
Pulse
Generator
R T
D.U.T
.
V CC
VIN
C L
VOUT
50pF
500W
500W
7.0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
tW
1.5V
1.5V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
tPLH
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
3V
1.5V
0V
tPLH
tPHL
tPHL
VOL
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
VOH
PRESET
CLEAR
CLOCK ENABLE
ETC.
Octal Link
Octal Link
Octal Link
Octal Link
Octal Link
TEST CIRCUITS AND WAVEFORMS
Propagation Delay
Test Circuits for All Outputs
Enable and Disable Times
Set-Up, Hold, and Release Times
Pulse Width
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns.
Test
Switch
Open Drain
Disable Low
Closed
Enable Low
All Other Tests
Open
SWITCH POSITION
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.


Similar Part No. - 74FCT244TDBGB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT244TAT ETC2-74FCT244TAT Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results

Similar Description - 74FCT244TDBGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540T IDT-74FCT540T Datasheet
50Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com