Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54FCT245TPG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 54FCT245TPG
Description  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

54FCT245TPG Datasheet(HTML) 5 Page - Integrated Device Technology

  54FCT245TPG Datasheet HTML 1Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 2Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 3Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 4Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 5Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 6Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT245T/AT/CT
FASTCMOSOCTALBIDIRECTIONALTRANSCEIVER
5
74FCT245AT
74FCT245CT
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
1.5
4.6
1.5
4.1
ns
tPHL
A to B, B to A
RL = 500
Ω
tPZH
OutputEnableTime
1.5
6.2
1.5
5.8
ns
tPZL
OE to A or B
tPHZ
OutputDisableTime
1.5
5
1.5
4.8
ns
tPLZ
OE to A or B
tPZH
OutputEnableTime
1.5
6.2
1.5
5.8
ns
tPZL
T/R to A or B(3)
tPHZ
OutputDisableTime
1.5
5
1.5
4.8
ns
tPLZ
T/R to A or B(3)
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - INDUSTRIAL
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not tested.
54FCT245T
54FCT245AT
54FCT245CT
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
1.5
7.5
1.5
4.9
1.5
4.5
ns
tPHL
A to B, B to A
RL = 500
Ω
tPZH
OutputEnableTime
1.5
10
1.5
6.5
1.5
6.2
ns
tPZL
OE to A or B
tPHZ
OutputDisableTime
1.5
10
1.5
6
1.5
5.2
ns
tPLZ
OE to A or B
tPZH
OutputEnableTime
1.5
10
1.5
6.5
1.5
6.2
ns
tPZL
T/R to A or B(3)
tPHZ
OutputDisableTime
1.5
10
1.5
6
1.5
5.2
ns
tPLZ
T/R to A or B(3)
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - MILITARY


Similar Part No. - 54FCT245TPG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245D NSC-54FCT245D Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245DMQB NSC-54FCT245DMQB Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245F NSC-54FCT245F Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245FMQB NSC-54FCT245FMQB Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
More results

Similar Description - 54FCT245TPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT74FCT645T IDT-IDT74FCT645T Datasheet
110Kb / 6P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT2245AT RENESAS-IDT74FCT2245AT Datasheet
388Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
APRIL 2016
IDT74FCT3245 RENESAS-IDT74FCT3245 Datasheet
211Kb / 7P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT543T IDT-IDT74FCT543T Datasheet
119Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com