Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7A403609A Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K7A403609A
Description  128Kx36 & 256Kx18-Bit Synchronous Pipelined Burst SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7A403609A Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K7A403609A Datasheet HTML 3Page - Samsung semiconductor K7A403609A Datasheet HTML 4Page - Samsung semiconductor K7A403609A Datasheet HTML 5Page - Samsung semiconductor K7A403609A Datasheet HTML 6Page - Samsung semiconductor K7A403609A Datasheet HTML 7Page - Samsung semiconductor K7A403609A Datasheet HTML 8Page - Samsung semiconductor K7A403609A Datasheet HTML 9Page - Samsung semiconductor K7A403609A Datasheet HTML 10Page - Samsung semiconductor K7A403609A Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
K7A401809A
128Kx36 & 256Kx18 Synchronous SRAM
- 7 -
Rev 3.0
August 2000
K7A403609A
PASS-THROUGH TRUTH TABLE
Notes : 1. This operation makes written data immediately available at output during a read cycle preceded by a write cycle.s
PREVIOUS CYCLE
PRESENT CYCLE
NEXT CYCLE
OPERATION
WRITE
OPERATION
CS1
WRITE
OE
Write Cycle, All bytes
Address=An-1, Data=Dn-1
All L
Initiate Read Cycle
Address=An
Data=Qn-1 for all bytes
L
H
L
Read Cycle
Data=Qn
Write Cycle, All bytes
Address=An-1, Data=Dn-1
All L
No new cycle
Data=Qn-1 for all bytes
H
H
L
No carryover from
previous cycle
Write Cycle, All bytes
Address=An-1, Data=Dn-1
All L
No new cycle
Data=High-Z
H
H
H
No carryover from
previous cycle
Write Cycle, One byte
Address=An-1, Data=Dn-1
One L
Initiate Read Cycle
Address=An
Data=Qn-1 for one byte
L
H
L
Read Cycle
Data=Qn
Write Cycle, One byte
Address=An-1, Data=Dn-1
One L
No new cycle
Data=Qn-1 for one byte
H
H
L
No carryover from
previous cycle
ABSOLUTE MAXIMUM RATINGS*
*Note : Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VDD Supply Relative to VSS
VDD
-0.3 to 4.6
V
Voltage on VDDQ Supply Relative to VSS
VDDQ
-0.3 to 4.6
V
Voltage on Input Pin Relative to VSS
VIN
-0.3 to VDD+0.5
V
Voltage on I/O Pin Relative to VSS
VIO
-0.3 to VDDQ+0.5
V
Power Dissipation
PD
2.2
W
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
TOPR
0 to 70
°C
Storage Temperature Range Under Bias
TBIAS
-10 to 85
°C
CAPACITANCE*(TA=25
°C, f=1MHz)
*Note : Sampled not 100% tested.
PARAMETER
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Input Capacitance
CIN
VIN=0V
-
5
pF
Output Capacitance
COUT
VOUT=0V
-
7
pF
OPERATING CONDITIONS at 3.3V I/O (0
°C≤ TA≤70°C)
PARAMETER
SYMBOL
MIN
Typ.
MAX
UNIT
Supply Voltage
VDD
3.135
3.3
3.6
V
VDDQ
3.135
3.3
3.6
V
Ground
VSS
0
0
0
V
OPERATING CONDITIONS at 2.5V I/O(0
°C ≤ TA ≤ 70°C)
*Note : -36(275MHz) only support 2.5V I/O.
PARAMETER
SYMBOL
MIN
Typ.
MAX
UNIT
Supply Voltage
VDD
3.135
3.3
3.6
V
VDDQ
2.375
2.5
2.9
V
Ground
VSS
0
0
0
V


Similar Part No. - K7A403609A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A403609B SAMSUNG-K7A403609B Datasheet
470Kb / 18P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7A403609B SAMSUNG-K7A403609B Datasheet
419Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7A403609B-QC SAMSUNG-K7A403609B-QC Datasheet
470Kb / 18P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7A403609B SAMSUNG-K7A403609B_06 Datasheet
419Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
More results

Similar Description - K7A403609A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7P403622M SAMSUNG-K7P403622M Datasheet
240Kb / 12P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
KM736FV4021 SAMSUNG-KM736FV4021 Datasheet
350Kb / 12P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7P403622B SAMSUNG-K7P403622B Datasheet
280Kb / 13P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7N403601A SAMSUNG-K7N403601A Datasheet
387Kb / 17P
   128Kx36 & 256Kx18-Bit Pipelined NtRAMTM
K7A403609B SAMSUNG-K7A403609B_06 Datasheet
419Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7B403625B SAMSUNG-K7B403625B Datasheet
442Kb / 20P
   128Kx36 & 256Kx18 Synchronous SRAM
K7N403609B SAMSUNG-K7N403609B_06 Datasheet
404Kb / 19P
   128Kx36 & 256Kx18 Pipelined NtRAM
K7B403625M SAMSUNG-K7B403625M Datasheet
439Kb / 16P
   128Kx36-Bit Synchronous Burst SRAM
K7A403600B SAMSUNG-K7A403600B Datasheet
470Kb / 18P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7A403600B SAMSUNG-K7A403600B_06 Datasheet
418Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com