Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMP-3866 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # HSMP-3866
Description  Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMP-3866 Datasheet(HTML) 2 Page - Broadcom Corporation.

  HSMP-3866 Datasheet HTML 1Page - Broadcom Corporation. HSMP-3866 Datasheet HTML 2Page - Broadcom Corporation. HSMP-3866 Datasheet HTML 3Page - Broadcom Corporation. HSMP-3866 Datasheet HTML 4Page - Broadcom Corporation. HSMP-3866 Datasheet HTML 5Page - Broadcom Corporation. HSMP-3866 Datasheet HTML 6Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Absolute Max Ratings [1], Tc = +25°C
Symbol
Parameter
Unit
Abs Max
If
ForwardCurrent(1
µsPulse)
Amp
1
PIV
PeakInverseVoltage
V
50
Tj
JunctionTemperature
°C
150
Tstg
StorageTemperature
°C
-65to150
qjb
ThermalResistance[2]
°C/W
167
Notes:
1. Operationinexcessofanyoneoftheseconditionsmayresultinpermanentdamagetothedevice.
2. ThermalResistanceismeasuredfromjunctiontoboardusingIRmethod.
Electrical Specifications, Tc = +25°C (Each Diode)
Minimum Breakdown Voltage
VBR (V)
Typical Series Resistance
RS (W)
Typical Total Capacitance
CT (pF)
50
3.0/1.5*
0.22
TestCondition
VR=VBR
MeasureIR≤10µA
IF=10mA,f=100MHz
IF=100mA*
VR=50V
f=1MHz
Typical Performance for HSMP-3866 Quad PIN Diode
π Attenuator @ +25°C
Parameter
Test Condition
Units
Typical
InsertionLoss
Vc=5V,V+=1.2V,Freq=1GHz
dB
-2.5
ReturnLoss
Vc=0V,V+=1.2V,Freq=1GHz
dB
-18
Attenuation
Vc=0V,V+=1.2V,Freq=1GHz
dB
36
IP3
Vc=1.5V,V+=1.2V,Freq=1GHz
dBm
30
IP3
Vc=5.0V,V+=1.2V,Freq=1GHz
dBm
40
IP3
Vc=1.5V,V+=1.2V,Freq=300MHz
dBm
25
IP3
Vc=5.0V,V+=1.2V,Freq=300MHz
dBm
37
IP3
Vc=1.5V,V+=1.2V,Freq=100MHz
dBm
23
IP3
Vc=5.0V,V+=1.2V,Freq=100MHz
dBm
35
Notes:
1. MeasurementaboveobtainedusingWidebandRFcircuitdesignshowninFigure1&2
Typical Performance, Tc = +25°C (Each Diode)
Total Resistance
RT (W)
Carrier Lifetime
t(ns)
Reverse Recovery Time
Trr (ns)
Total Capacitance
CT (pF)
22
500
80
0.22
TestCondition
IF=1mA
f=1MHz
IF=10mA
IR=250mA
VR=50V
IF=10mA
90%Recovery
VR=50V
f=1MHz


Similar Part No. - HSMP-3866

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3866 AVAGO-HSMP-3866 Datasheet
345Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz in SOT 25 Package
HSMP-3866-BLKG AVAGO-HSMP-3866-BLKG Datasheet
345Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz in SOT 25 Package
HSMP-3866-TR1G AVAGO-HSMP-3866-TR1G Datasheet
345Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz in SOT 25 Package
HSMP-3866-TR2G AVAGO-HSMP-3866-TR2G Datasheet
345Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz in SOT 25 Package
HSMP-3866 AVAGO-HSMP-3866_15 Datasheet
345Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
More results

Similar Description - HSMP-3866

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3866 AVAGO-HSMP-3866_15 Datasheet
345Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
HSMP-3816 AVAGO-HSMP-3816_15 Datasheet
326Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
HSMP-3866-TR1G AVAGO-HSMP-3866-TR1G Datasheet
345Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz in SOT 25 Package
logo
Broadcom Corporation.
DEMO-HSMP-38X6 BOARDCOM-DEMO-HSMP-38X6 Datasheet
326Kb / 6P
   Quad PIN Diode ? Attenuator 300 kHz to 4 GHz in SOT 25 Package
HSMP-3816 BOARDCOM-HSMP-3816 Datasheet
326Kb / 6P
   Quad PIN Diode ? Attenuator 300 kHz to 4 GHz in SOT 25 Package
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3816 AVAGO-HSMP-3816 Datasheet
326Kb / 6P
   Quad PIN Diode Attenuator 300 kHz to 4 GHz in SOT 25 Package
logo
NXP Semiconductors
BAP70Q PHILIPS-BAP70Q_15 Datasheet
143Kb / 13P
   Quad PIN diode attenuator
Rev. 2-6 March 2012
logo
M/A-COM Technology Solu...
MA4P290-1225T MA-COM-MA4P290-1225T Datasheet
129Kb / 6P
   PIN Diode ? Quad Attenuator
logo
NXP Semiconductors
BAP64Q PHILIPS-BAP64Q_15 Datasheet
153Kb / 13P
   Quad PIN diode attenuator
Rev. 1-7 October 2010
logo
Tyco Electronics
MA4P290-1225T MACOM-MA4P290-1225T Datasheet
183Kb / 6P
   PIN Diode ? Quad Attenuator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com