Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMP-3863 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # HSMP-3863
Description  Surface Mount PIN Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMP-3863 Datasheet(HTML) 1 Page - Broadcom Corporation.

  HSMP-3863 Datasheet HTML 1Page - Broadcom Corporation. HSMP-3863 Datasheet HTML 2Page - Broadcom Corporation. HSMP-3863 Datasheet HTML 3Page - Broadcom Corporation. HSMP-3863 Datasheet HTML 4Page - Broadcom Corporation. HSMP-3863 Datasheet HTML 5Page - Broadcom Corporation. HSMP-3863 Datasheet HTML 6Page - Broadcom Corporation. HSMP-3863 Datasheet HTML 7Page - Broadcom Corporation. HSMP-3863 Datasheet HTML 8Page - Broadcom Corporation. HSMP-3863 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HSMP-386x
Surface Mount PIN Diodes
Data Sheet
Features
• Unique Configurations in Surface Mount Packages
– Add Flexibility
– Save Board Space
– Reduce Cost
• Switching
– Low Distortion Switching
– Low Capacitance
• Attenuating
– Low Current Attenuating for Less Power
Consumption
• Matched Diodes for Consistent Performance
• Better Thermal Conductivity for Higher Power
Dissipation
• Low Failure in Time (FIT) Rate[1]
• Lead-free
Note:
1. For more information see the Surface Mount PIN Reliability Data
Sheet.
Description/Applications
The HSMP-386x series of general purpose PIN diodes are
designed for two classes of applications. The first is attenu-
ators where current consumption is the most important
design consideration. The second application for this
series of diodes is in switches where low capacitance is the
driving issue for the designer.
The HSMP-386x series Total Capacitance (C
T) and Total
Resistance (R
T) are typical specifications. For applications
that require guaranteed performance, the general purpose
HSMP-383x series is recommended.
A SPICE model is not available for PIN diodes as SPICE
does not provide for a key PIN diode characteristic, carrier
lifetime.
Pin Connections and Package Marking, SOT-363
Notes:
1. Package marking provides orientation, identification, and date code.
2. See “Electrical Specifications” for appropriate package marking.
1
2
3
6
5
4


Similar Part No. - HSMP-3863

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-3863 HP-HSMP-3863 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
HSMP-3863 HP-HSMP-3863 Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3863 AVAGO-HSMP-3863 Datasheet
356Kb / 10P
   Surface Mount PIN Diodes Matched Diodes for Consistent Performance
HSMP-3863 AVAGO-HSMP-3863 Datasheet
356Kb / 10P
   Unique Configurations in Surface Mount Packages
HSMP-3863 AVAGO-HSMP-3863 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results

Similar Description - HSMP-3863

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386C BOARDCOM-HSMP-386C Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386E BOARDCOM-HSMP-386E Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3860 AVAGO-HSMP-3860_15 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-38XX HP-HSMP-38XX Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386L BOARDCOM-HSMP-386L Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-3862 BOARDCOM-HSMP-3862 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3864-TR1G AVAGO-HSMP-3864-TR1G Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386X AVAGO-HSMP-386X Datasheet
225Kb / 10P
   Surface Mount PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-386X HP-HSMP-386X Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386F BOARDCOM-HSMP-386F Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com