Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C128M8D3A-12BCN Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS4C128M8D3A-12BCN
Description  Fully synchronous operation
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C128M8D3A-12BCN Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS4C128M8D3A-12BCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C128M8D3A-12BCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C128M8D3A-12BCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C128M8D3A-12BCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C128M8D3A-12BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C128M8D3A-12BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C128M8D3A-12BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C128M8D3A-12BCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C128M8D3A-12BCN Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
DQ0 – DQ7
Input /
Output
Data I/O: The data bus input and output data are synchronized with positive and negative
edges of DQS/DQS#. The I/Os are byte-maskable during Writes.
ODT
Input
On Die Termination: ODT (registered HIGH) enables termination resistance internal to
the DDR3 SDRAM. When enabled, ODT is applied to each DQ, DQS, DQS#, DM/TDQS
and TDQS# signal. (When TDQS is enabled via Mode Register A11=1 in MR1) The ODT
pin will be ignored if Mode-registers, MR1and MR2, are programmed to disable RTT.
RESET#
Input
Active Low Asynchronous Reset: Reset is active when RESET# is LOW, and inactive
when RESET# is HIGH. RESET# must be HIGH during normal operation. RESET# is a
CMOS rail to rail signal with DC high and low at 80% and 20% of VDD
VDD
Supply
Power Supply: +1.5V
±0.075V
VSS
Supply
Ground
VDDQ
Supply
DQ Power: +1.5V
±0.075V.
VSSQ
Supply
DQ Ground
VREFCA
Supply
Reference voltage for CA
VREFDQ
Supply
Reference voltage for DQ
ZQ
Supply
Reference pin for ZQ calibration.
NC
-
No Connect: These pins should be left unconnected.
AS4C128M8D3A-12BIN
AS4C128M8D3A-12BCN
Confidential
- 7/84 -
Rev.1.0 Sep.2016


Similar Part No. - AS4C128M8D3A-12BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C128M8D3 ALSC-AS4C128M8D3 Datasheet
2Mb / 85P
   AS4C128M8D3
AS4C128M8D3L ALSC-AS4C128M8D3L Datasheet
3Mb / 88P
   AS4C128M8D3L - 78-ball FBGA PACKAGE
AS4C128M8D3L-12BCN ALSC-AS4C128M8D3L-12BCN Datasheet
3Mb / 88P
   internal banks for concurrent operation
AS4C128M8D3L-12BIN ALSC-AS4C128M8D3L-12BIN Datasheet
3Mb / 88P
   internal banks for concurrent operation
More results

Similar Description - AS4C128M8D3A-12BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C128M8D3 ALSC-1GB-AUTO-AS4C128M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C4M16D1 ALSC-AS4C4M16D1 Datasheet
1Mb / 52P
   Fully synchronous operation
AS4C4M16SA-CI ALSC-AS4C4M16SA-CI Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M16D1 ALSC-AS4C8M16D1 Datasheet
1Mb / 64P
   Fully synchronous operation
AS4C256M16D3A-12BIN ALSC-AS4C256M16D3A-12BIN Datasheet
2Mb / 83P
   Fully synchronous operation
AS4C8M32S ALSC-AS4C8M32S Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-6TIN ALSC-AS4C8M32S-6TIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16D1 ALSC-AS4C16M16D1 Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16SA ALSC-AS4C16M16SA Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C64M16D1A-6TIN ALSC-AS4C64M16D1A-6TIN Datasheet
2Mb / 62P
   Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com