Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C64M16D3LA-12BIN Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4C64M16D3LA-12BIN
Description  Fully synchronous operation
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M16D3LA-12BIN Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4C64M16D3LA-12BIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C64M16D3LA-12BIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C64M16D3LA-12BIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C64M16D3LA-12BIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C64M16D3LA-12BIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C64M16D3LA-12BIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C64M16D3LA-12BIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M16D3LA-12BIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M16D3LA-12BIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 85 page
background image
Features
• JEDEC Standard Compliant
• Power supplies: VDD & VDDQ = +1.35V
• Backward compatible to VDD & VDDQ = 1.5V ±0.075V
• Industrial temperature
• Supports JEDEC clock jitter specification
• Fully synchronous operation
• Fast clock rate: 800 MHz
• Differential Clock, CK & CK#
• Bidirectional differential data strobe
- DQS & DQS#
• 8 internal banks for concurrent operation
• 8n-bit prefetch architecture
• Pipelined internal architecture
• Precharge & active power down
• Programmable Mode & Extended Mode registers
• Additive Latency (AL): 0, CL-1, CL-2
• Programmable Burst lengths: 4, 8
• Burst type: Sequential / Interleave
Output Driver Impedance Control
8192 refresh cycles / 64ms
- Average refresh period
7.8μs @ -40°C ≦TC≦ +85°C
3.9μs @ +85°C <TC≦ +95°C
Write Leveling
ZQ Calibration
Dynamic ODT (Rtt_Nom & Rtt_WR)
• RoHS compliant
• Auto Refresh and Self Refresh
• 96-ball 8 x 13 x 1.0mm FBGA package
- Pb and Halogen Free
Overview
The 1Gb Double-Data-Rate-3 (DDR3L) DRAMs is
double data rate architecture to achieve high-speed
operation. It is internally configured as an eight bank
DRAM.
The 1Gb chip is organized as 8Mbit x 16 I/Os x 8 bank
devices. These synchronous devices achieve high speed
double-data-rate transfer rates of up to 1600 Mb/sec/pin
for general applications.
The chip is designed to comply with all key DDR3L
DRAM key features and all of the control and address
inputs are synchronized with a pair of externally supplied
differential clocks. Inputs are latched at the cross point
of differential clocks (CK rising and CK# falling). All
I/Os are synchronized with differential DQS pair in a
source synchronous fashion.
These devices operate with a single 1.35V -0.067V
/+0.1V power supply and are available in BGA packages.
Table1.OrderingInformation
Product part No
Org
Temperature
Max Clock (MHz)
AS4C6
4M16D3LA-12BCN 64M x 16
800
Package
96-ball FBGA
Table2.SpeedGradeInformation
Speed Grade
Clock Frequency
CAS Latency
tRCD (ns)
tRP (ns)
DDR3L-1600
800 MHz
11
13.75
13.75
AS4C6
4M16D3LA-12BIN
64M x 16
Commercial 0°C to 95°C
Industrial -40°C to 95°C
800
96-ball FBGA
Commercial: 0°C to 95°C (TC)
Industrial :-40°C to 95°C (TC)
AS4C64M16D3LA-12BIN
AS4C64M16D3LA-12BCN
Confidential
- 2/85 -
Rev.1.0 Aug 2016


Similar Part No. - AS4C64M16D3LA-12BIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C64M16D3L-12BCN ALSC-AS4C64M16D3L-12BCN Datasheet
2Mb / 90P
   JEDEC Standard Compliant
AS4C64M16D3L-12BIN ALSC-AS4C64M16D3L-12BIN Datasheet
2Mb / 90P
   JEDEC Standard Compliant
More results

Similar Description - AS4C64M16D3LA-12BIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C128M8D3 ALSC-1GB-AUTO-AS4C128M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C4M16D1 ALSC-AS4C4M16D1 Datasheet
1Mb / 52P
   Fully synchronous operation
AS4C4M16SA-CI ALSC-AS4C4M16SA-CI Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M16D1 ALSC-AS4C8M16D1 Datasheet
1Mb / 64P
   Fully synchronous operation
AS4C256M16D3A-12BIN ALSC-AS4C256M16D3A-12BIN Datasheet
2Mb / 83P
   Fully synchronous operation
AS4C8M32S ALSC-AS4C8M32S Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-6TIN ALSC-AS4C8M32S-6TIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16D1 ALSC-AS4C16M16D1 Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16SA ALSC-AS4C16M16SA Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C128M8D3A-12BIN ALSC-AS4C128M8D3A-12BIN Datasheet
1Mb / 84P
   Fully synchronous operation
AS4C64M16D1A-6TIN ALSC-AS4C64M16D1A-6TIN Datasheet
2Mb / 62P
   Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com