Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGT30N60BD1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGT30N60BD1
Description  HiPerFASTTM IGBT with Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGT30N60BD1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGT30N60BD1 Datasheet HTML 1Page - IXYS Corporation IXGT30N60BD1 Datasheet HTML 2Page - IXYS Corporation IXGT30N60BD1 Datasheet HTML 3Page - IXYS Corporation IXGT30N60BD1 Datasheet HTML 4Page - IXYS Corporation IXGT30N60BD1 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 - 5
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
25
S
Pulse test, t
£ 300 ms, duty cycle £ 2 %
C
ies
2700
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
240
pF
C
res
50
pF
Q
g
110
nC
Q
ge
I
C
= I
C90, VGE = 15 V, VCE = 0.5 VCES
22
nC
Q
gc
40
nC
t
d(on)
25
ns
t
ri
30
ns
t
d(off)
130
220
ns
t
fi
100
190
ns
E
off
1.0
2.0
mJ
t
d(on)
25
ns
t
ri
35
ns
E
on
1.0
mJ
t
d(off)
200
ns
t
fi
230
ns
E
off
2.5
mJ
R
thJC
0.62 K/W
R
thCK
(TO-247 AD)
0.25
K/W
Reverse Diode (FRED)
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
V
F
I
F
= I
C90, VGE = 0 V, Pulse test
T
J = 150°C
1.6
V
t
£ 300 ms, duty cycle d £ 2 %
2.5
V
I
RM
I
F
= I
C90, VGE = 0 V, -diF/dt = 100 A/ms6
A
t
rr
V
R = 100 V
T
J =100°C
100
ns
I
F
= 1 A; -di/dt = 100 A/
ms; V
R = 30 V
25
ns
R
thJC
0.9 K/W
Inductive load, T
J = 25°C
I
C = IC90, VGE = 15 V, L = 100 mH,
V
CE = 0.8 VCES, RG = Roff = 4.7 W
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
Inductive load, T
J = 150°C
I
C = IC90, VGE = 15 V, L = 100 mH
V
CE = 0.8 VCES, RG = Roff = 4.7 W
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
IXGH 30N60BD1
IXGT 30N60BD1
TO-247 AD (IXGH) Outline
Dim. Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780 0.800
B
20.80 21.46
0.819 0.845
C
15.75 16.26
0.610 0.640
D
3.55
3.65
0.140 0.144
E
4.32
5.49
0.170 0.216
F
5.4
6.2
0.212 0.244
G
1.65
2.13
0.065 0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040 0.055
K
10.8
11.0
0.426 0.433
L
4.7
5.3
0.185 0.209
M
0.4
0.8
0.016 0.031
N
1.5
2.49
0.087 0.102
TO-268AA (D3 PAK)
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.9
5.1
.193
.201
A
1
2.7
2.9
.106
.114
A
2
.02
.25
.001
.010
b
1.15
1.45
.045
.057
b
2
1.9
2.1
.75
.83
C
.4
.65
.016
.026
D
13.80
14.00
.543
.551
E
15.85
16.05
.624
.632
E
1
13.3
13.6
.524
.535
e
5.45 BSC
.215 BSC
H
18.70
19.10
.736
.752
L
2.40
2.70
.094
.106
L1
1.20
1.40
.047
.055
L2
1.00
1.15
.039
.045
L3
0.25 BSC
.010 BSC
L4
3.80
4.10
.150
.161
Min. Recommended Footprint
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025


Similar Part No. - IXGT30N60BD1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGT30N60B2 IXYS-IXGT30N60B2 Datasheet
583Kb / 5P
   HiPerFAST IGBT
IXGT30N60B2D1 IXYS-IXGT30N60B2D1 Datasheet
606Kb / 6P
   HiPerFAST IGBT
IXGT30N60BU1 IXYS-IXGT30N60BU1 Datasheet
141Kb / 5P
   HiPerFAST IGBT with Diode
More results

Similar Description - IXGT30N60BD1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK60N60C2D1 IXYS-IXGK60N60C2D1 Datasheet
620Kb / 5P
   HiPerFASTTM IGBT with Diode
IXSH24N60U1 IXYS-IXSH24N60U1 Datasheet
37Kb / 2P
   HiPerFASTTM IGBT with Diode
IXGX40N60BD1 IXYS-IXGX40N60BD1 Datasheet
99Kb / 2P
   HiPerFASTTM IGBT with Diode
IXGR32N90B2D1 IXYS-IXGR32N90B2D1 Datasheet
205Kb / 7P
   HiPerFASTTM IGBT with Fast Diode
IXGH40N30BD1 IXYS-IXGH40N30BD1 Datasheet
108Kb / 4P
   HiPerFASTTM IGBT
IXGH30N60B IXYS-IXGH30N60B Datasheet
53Kb / 2P
   HiPerFASTTM IGBT
IXGH12N60B IXYS-IXGH12N60B Datasheet
34Kb / 2P
   HiPerFASTTM IGBT
IXGN50N60B IXYS-IXGN50N60B Datasheet
118Kb / 4P
   HiPerFASTTM IGBT
IXGN200N60B IXYS-IXGN200N60B Datasheet
67Kb / 2P
   HiPerFASTTM IGBT
IXGA20N60B IXYS-IXGA20N60B Datasheet
85Kb / 4P
   HiPerFASTTM IGBT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com