Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C32M32MD1 Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS4C32M32MD1
Description  Automatic and Controlled Precharge Command
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C32M32MD1 Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS4C32M32MD1 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C32M32MD1 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C32M32MD1 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C32M32MD1 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C32M32MD1 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C32M32MD1 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C32M32MD1 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C32M32MD1 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C32M32MD1 Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Signal and Timing Description
General Description
The 1Gbit mobile DDR is a 128M byte mobile DDR SDRAM. It consists of four banks. Each bank is organized as 8192
rows x 1024 columns x 32 bits.
Read and Write accesses are burst oriented. Accesses begin with the registration of an Activate command, which is
then followed by a Read or Write command. The address bits registered coincident with the Activate command are used
to select the bank and the row to be accessed. BA1 and BA0 select the bank, address bits A13.. A0 select the row.
Address bits A9.. A0 registered coincident with the Read or Write command are used to select the starting column loca-
tion for the burst access.
The regular Single Data Rate SDRAM read and write cycles only use the rising edge of the external clock input. For the
mobile SDRAM the special signals DQSx (Data Strobe) are used to mark the data valid window. During read bursts, the
data valid window coincides with the high or low level of the DQSx signals. During write bursts, the DQSx signal marks
the center of the valid data window. Data is available at every rising and falling edge of DQSx, therefore the data transfer
rate is doubled.
For Read accesses, the DQSx signals are aligned to the clock signal CLK.
Special Signal Description
Clock Signal
The mobile DDR operates with a differential clock (CLK and CLK) input. CLK is used to latch the address and command
signals. Data input and DMx signals are latched with DQSx. The minimum and maximum clock cycle time is defined by
tCK.
The minimum and maximum clock duty cycle are specified using the minimum clock high time tCH and the minimum
clock low time tCL respectively.
Command Inputs and Addresses
Like single data rate SDRAMs, each combination of RAS, CAS and WE input in conjunction with CS input at a rising
edge of the clock determines a mobile DDR command.
Command and Address Signal Timing
Valid
Valid
CLK, CLK#
Address,
CS#, RAS#,
CAS#, WE#,
CKE
VIH
VTT
VIL
VIH
VIL
tIS
tIH
 
 
 
 
AS4C32M32MD1
Confidential
-8-
Rev.1.0 Sep.2014


Similar Part No. - AS4C32M32MD1

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C32M32MD1A-5BIN ALSC-AS4C32M32MD1A-5BIN Datasheet
2Mb / 64P
   Low voltage power supply.
More results

Similar Description - AS4C32M32MD1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GTWV050C3A00PA ETC-GTWV050C3A00PA Datasheet
169Kb / 1P
   Command Controlled Touch TFT Module
MA8168A ETC2-MA8168A Datasheet
200Kb / 2P
   Automatic CRC7 generation for command and CRC7 verification for response on CMD
logo
Integrated Silicon Solu...
IS43R83200F ISSI-IS43R83200F Datasheet
1Mb / 32P
   Auto Precharge
IS42S32800 ISSI-IS42S32800 Datasheet
1Mb / 62P
   Concurrent auto precharge
logo
API Technologies Corp
BXMF1038 APITECH-BXMF1038 Datasheet
501Kb / 1P
   Automatic Gain Controlled Amplifier
BXMF1037 APITECH-BXMF1037 Datasheet
503Kb / 1P
   Automatic Gain Controlled Amplifier
BXMF1042 APITECH-BXMF1042 Datasheet
571Kb / 2P
   Automatic Gain Controlled Amplifier
BXMF1041 APITECH-BXMF1041 Datasheet
507Kb / 1P
   Automatic Gain Controlled Amplifier
BXMF1040 APITECH-BXMF1040 Datasheet
506Kb / 1P
   Automatic Gain Controlled Amplifier
BXMF1039 APITECH-BXMF1039 Datasheet
504Kb / 1P
   Automatic Gain Controlled Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com