Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFK73N30Q Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFK73N30Q
Description  HiPerFET Power MOSFETs Q-CLASS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK73N30Q Datasheet(HTML) 1 Page - IXYS Corporation

  IXFK73N30Q Datasheet HTML 1Page - IXYS Corporation IXFK73N30Q Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2001 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
300
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
300
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C73
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
292
A
I
AR
T
C
= 25
°C73
A
E
AR
T
C
= 25
°C60
mJ
E
AS
T
C
= 25
°C
2.5
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
500
W
T
J
-55 ... +150
°C
T
JM
150
° C
T
stg
-55 ... +150
° C
T
L
1.6 mm (0.063 in.) from case for 10 s
300
° C
M
d
Mounting torque (TO-264)
0.4/6 Nm/lb.in.
Weight
PLUS 247
6
g
TO-264
10
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 1mA
300
V
V
GS(th)
V
DS = VGS, ID = 4mA
2.0
4.0 V
I
GSS
V
GS = ±20 V, VDS = 0
±100 nA
I
DSS
V
DS
= V
DSS 0.8
V
DSS
100
µA
V
GS = 0 V
T
J
= 125
°C2 mA
R
DS(on)
V
GS = 10 V, ID = 0.5
I
D25
42 m
Note 1
98870 (12/01)
G = Gate
D = Drain
S = Source
TAB = Drain
S
G
D
(TAB)
TO-264 AA (IXFK)
IXFX 73N30Q
V
DSS
= 300
V
IXFK 73N30Q
I
D25
=
73
A
R
DS(on) =
42 m
t
rr
≤≤≤≤ 250 µs
Preliminary data sheet
PLUS 247TM (IXFX)
G
D
(TAB)
HiPerFETTM
Power MOSFETs
Q-CLASS
Single MOSFET Die
N-Channel Enhancement Mode
Avalanche Rated,
Low Qg,
High dV/dt,
Low t
rr
Features
l IXYS advanced low Q
g process
l Low gate charge and capacitances
- easier to drive
- faster switching
l International standard packages
l Low R
DS (on)
l Rated for unclamped Inductive load
switching (UIS) rated
l Molding epoxies meet UL 94 V-0
flammability classification
Applications
l DC-DC converters
l Battery chargers
l Switched-mode and resonant-mode
power supplies
l DC choppers
l AC motor control
l Temperature and lighting controls
Advantages
l PLUS 247TM package for clip or spring
mounting
l Space savings
l High power density


Similar Part No. - IXFK73N30Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFK73N30Q IXYS-IXFK73N30Q Datasheet
590Kb / 4P
   HiPerFET Power MOSFETs Q-CLASS
More results

Similar Description - IXFK73N30Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH13N80Q IXYS-IXFH13N80Q Datasheet
51Kb / 2P
   HiPerFET Power MOSFETs Q Class
IXFH15N100Q IXYS-IXFH15N100Q Datasheet
137Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFB80N50Q2 IXYS-IXFB80N50Q2 Datasheet
172Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFK24N90Q IXYS-IXFK24N90Q Datasheet
87Kb / 2P
   HiPerFET Power MOSFETs Q-CLASS
IXFH20N60Q IXYS-IXFH20N60Q Datasheet
153Kb / 4P
   HiPerFET Power MOSFETs Q-Class
IXFH26N55Q IXYS-IXFH26N55Q Datasheet
128Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFH40N50Q IXYS-IXFH40N50Q Datasheet
128Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFH80N15Q IXYS-IXFH80N15Q Datasheet
125Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFH16N90Q IXYS-IXFH16N90Q Datasheet
72Kb / 2P
   HiPerFET Power MOSFETs Q-Class
98984 IXYS-98984 Datasheet
92Kb / 2P
   HiPerFET Power MOSFETs Q-Class
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com