Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C32M16D1A-5TCN Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS4C32M16D1A-5TCN
Description  Internal pipeline architecture
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C32M16D1A-5TCN Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS4C32M16D1A-5TCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C32M16D1A-5TCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C32M16D1A-5TCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C32M16D1A-5TCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C32M16D1A-5TCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C32M16D1A-5TCN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C32M16D1A-5TCN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C32M16D1A-5TCN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C32M16D1A-5TCN Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
AS4C32M16D1A-C&I
5
Rev. 1.0
Mar. /2015
 Addressing Mode Select Field (A3)
The Addressing Mode can be one of two modes, either Interleave Mode or Sequential Mode. Both Sequential
Mode and Interleave Mode support burst length of 2, 4 and 8.
Table 6. Addressing Mode
A3
Addressing Mode
0
Sequential
1
Interleave
Burst Definition, Addressing Sequence of Sequential and Interleave Mode
Table 7. Burst Address ordering
Burst Length
Start Address
Sequential
Interleave
A2
A1
A0
2
X
X
0
0, 1
0, 1
X
X
1
1, 0
1, 0
4
X
0
0
0, 1, 2, 3
0, 1, 2, 3
X
0
1
1, 2, 3, 0
1, 0, 3, 2
X
1
0
2, 3, 0, 1
2, 3, 0, 1
X
1
1
3, 0, 1, 2
3, 2, 1, 0
8
0
0
0
0, 1, 2, 3, 4, 5, 6, 7
0, 1, 2, 3, 4, 5, 6, 7
0
0
1
1, 2, 3, 4, 5, 6, 7, 0
1, 0, 3, 2, 5, 4, 7, 6
0
1
0
2, 3, 4, 5, 6, 7, 0, 1
2, 3, 0, 1, 6, 7, 4, 5
0
1
1
3, 4, 5, 6, 7, 0, 1, 2
3, 2, 1, 0, 7, 6, 5, 4
1
0
0
4, 5, 6, 7, 0, 1, 2, 3
4, 5, 6, 7, 0, 1, 2, 3
1
0
1
5, 6, 7, 0, 1, 2, 3, 4
5, 4, 7, 6, 1, 0, 3, 2
1
1
0
6, 7, 0, 1, 2, 3, 4, 5
6, 7, 4, 5, 2, 3, 0, 1
1
1
1
7, 0, 1, 2, 3, 4, 5, 6
7, 6, 5, 4, 3, 2, 1, 0
 CAS Latency Field (A6~A4)
This field specifies the number of clock cycles from the assertion of the Read command to the first read data. The
minimum whole value of CAS Latency depends on the frequency of CK. The minimum whole value satisfying the
following formula must be programmed into this field.
tCAC(min)
 CAS Latency X tCK
Table 8. CAS Latency
A6
A5
A4
CAS Latency
0
0
0
Reserved
0
0
1
Reserved
0
1
0
2 clocks
0
1
1
3 clocks
1
0
0
Reserved
1
0
1
Reserved
1
1
0
2.5 clocks
1
1
1
Reserved
 Test Mode field (A8~A7)
These two bits are used to enter the test mode and must be programmed to "00" in normal operation.
Table 9. Test Mode
A8
A7
Test Mode
0
0
Normal mode
1
0
DLL Reset


Similar Part No. - AS4C32M16D1A-5TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C32M16D1A ALSC-AS4C32M16D1A Datasheet
1Mb / 64P
   32M x 16 bit DDR Synchronous DRAM
More results

Similar Description - AS4C32M16D1A-5TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
128M-DDR1-AS4C8M16D1 ALSC-128M-DDR1-AS4C8M16D1 Datasheet
4Mb / 66P
   Internal pipeline architecture
4MX16-DDR1-AS4C4M16D1A ALSC-4MX16-DDR1-AS4C4M16D1A Datasheet
1Mb / 54P
   Internal pipeline architecture
logo
Cypress Semiconductor
MB91460H CYPRESS-MB91460H Datasheet
9Mb / 105P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91F465KA CYPRESS-MB91F465KA Datasheet
2Mb / 86P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91550 CYPRESS-MB91550 Datasheet
1Mb / 104P
   32-bit RISC, load/store architecture, 5-stage pipeline
MB9146D CYPRESS-MB9146D Datasheet
12Mb / 137P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91460Q CYPRESS-MB91460Q Datasheet
14Mb / 153P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91460T CYPRESS-MB91460T Datasheet
12Mb / 137P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91570 CYPRESS-MB91570 Datasheet
3Mb / 163P
   32-bit RISC, load/store architecture, 5-stage pipeline
logo
Elite Semiconductor Mem...
M53D128168A-2E ESMT-M53D128168A-2E Datasheet
1Mb / 47P
   Internal pipelined double-data-rate architecture, two data
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com