Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V2548S100BQ Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT71V2548S100BQ
Description  128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V2548S100BQ Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT71V2548S100BQ Datasheet HTML 1Page - Integrated Device Technology IDT71V2548S100BQ Datasheet HTML 2Page - Integrated Device Technology IDT71V2548S100BQ Datasheet HTML 3Page - Integrated Device Technology IDT71V2548S100BQ Datasheet HTML 4Page - Integrated Device Technology IDT71V2548S100BQ Datasheet HTML 5Page - Integrated Device Technology IDT71V2548S100BQ Datasheet HTML 6Page - Integrated Device Technology IDT71V2548S100BQ Datasheet HTML 7Page - Integrated Device Technology IDT71V2548S100BQ Datasheet HTML 8Page - Integrated Device Technology IDT71V2548S100BQ Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SEPTEMBER 2004
DSC-5294/04
1
©2004 Integrated Device Technology, Inc.
Pin Description Summary
Description
The IDT71V2546/48 are 3.3V high-speed 4,718,592-bit (4.5 Mega-
bit)synchronousSRAMS.Theyaredesignedtoeliminatedeadbuscycles
when turning the bus around between reads and writes, or writes and
reads. Thus, they have been given the name ZBTTM, or Zero Bus
Turnaround.
Features
x
x
x
x
x
128K x 36, 256K x 18 memory configurations
x
x
x
x
x
Supports high performance system speed - 150 MHz
(3.8 ns Clock-to-Data Access)
x
x
x
x
x
ZBTTM Feature - No dead cycles between write and read
cycles
x
x
x
x
x
Internally synchronized output buffer enable eliminates the
need to control
OE
OE
OE
OE
OE
x
x
x
x
x
Single R/
W
W
W
W
W (READ/WRITE) control pin
x
x
x
x
x
Positive clock-edge triggered address, data, and control
signal registers for fully pipelined applications
x
x
x
x
x
4-word burst capability (interleaved or linear)
x
x
x
x
x
Individual byte write (
BW
BW
BW
BW
BW1 - BW
BW
BW
BW
BW4) control (May tie active)
x
x
x
x
x
Three chip enables for simple depth expansion
x
x
x
x
x
3.3V power supply (±5%), 2.5V I/O Supply (VDDQ)
x
x
x
x
x
Optional Boundary Scan JTAG Interface (IEEE1149.1
complaint)
x
x
x
x
x
Packaged in a JEDEC standard 100-pin plastic thin quad
flatpack (TQFP), 119 ball grid array (BGA) and 165 fine
pitch ball grid array
A0-A17
Address Inputs
Input
Synchronous
CE1, CE2, CE2
Chip Enables
Input
Synchronous
OE
Output Enable
Input
Asynchronous
R/
W
Read/Write Signal
Input
Synchronous
CEN
Clock Enable
Input
Synchronous
BW1, BW2, BW3, BW4
Individual Byte Write Selects
Input
Synchronous
CLK
Clock
Input
N/A
ADV/
LD
Adv ance burst address / Load new address
Input
Synchronous
LBO
Linear / Interleaved Burst Order
Input
Static
TMS
Test Mode Select
Input
Synchronous
TDI
Test Data Input
Input
Synchronous
TCK
Test Clock
Input
N/A
TDO
Test Data Output
Output
Synchronous
TRST
JTAG Reset (Optional)
Input
Asynchronous
ZZ
Sleep Mode
Input
Synchronous
I/O0-I/O31, I/OP1-I/OP4
Data Input / Output
I/O
Synchronous
VDD, VDDQ
Core Power, I/O Power
Supply
Static
VSS
Ground
Supply
Static
5294 tbl 01
IDT71V2546S
IDT71V2548S
IDT71V2546SA
IDT71V2548SA
128K x 36, 256K x 18
3.3V Synchronous ZBT™ SRAMs
2.5V I/O, Burst Counter
Pipelined Outputs
AddressandcontrolsignalsareappliedtotheSRAMduringoneclock
cycle, and two cycles later the associated data cycle occurs, be it read
or write.
The IDT71V2546/48 contain data I/O, address and control signal
registers.Outputenableistheonlyasynchronoussignalandcanbeused
to disable the outputs at any given time.
A Clock Enable (
CEN)pinallowsoperationoftheIDT71V2546/48to
be suspended as long as necessary. All synchronous inputs are ignored
when(
CEN)ishighandtheinternaldeviceregisterswillholdtheirprevious
values.
There are three chip enable pins (
CE1,CE2,CE2) that allow the user
to deselect the device when desired. If any one of these three are not
assertedwhenADV/
LDislow,nonewmemoryoperationcanbeinitiated.
However, any pending data transfers (reads or writes) will be completed.
The data bus will tri-state two cycles after chip is deselected or a write is
initiated.
The IDT71V2546/48 has an on-chip burst counter. In the burst mode,
the IDT71V2546/48 can provide four cycles of data for a single address
presentedtotheSRAM.Theorderoftheburstsequenceisdefinedbythe
LBOinputpin.TheLBOpinselectsbetweenlinearandinterleavedburst
sequence. The ADV/
LD signal is used to load a new external address
(ADV/
LD = LOW) or increment the internal burst counter (ADV/LD =
HIGH).
The IDT71V2546/48 SRAMs utilize IDT's latest high-performance
CMOS process and are packaged in a JEDEC standard 14mm x 20mm
100-pin thin plastic quad flatpack (TQFP) as well as a 119 ball grid array
(BGA) and 165 fine pitch ball grid array (fBGA).


Similar Part No. - IDT71V2548S100BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
IDT71V2546XS IDT-IDT71V2546XS Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
More results

Similar Description - IDT71V2548S100BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2556S IDT-IDT71V2556S Datasheet
1,019Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
logo
Integrated Device Techn...
IDT71V65602 IDT-IDT71V65602 Datasheet
970Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V2556S RENESAS-71V2556S Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
logo
Integrated Device Techn...
IDT71V3557S IDT-IDT71V3557S Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V2576S IDT-IDT71V2576S Datasheet
282Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
IDT71T75602 IDT-IDT71T75602 Datasheet
637Kb / 25P
   512K x 36, 1M x 18 2.5V Synchronous ZBT??SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com