Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV803SDBZT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV803SDBZT
Description  3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV803SDBZT Datasheet(HTML) 4 Page - Texas Instruments

  TLV803SDBZT Datasheet HTML 1Page - Texas Instruments TLV803SDBZT Datasheet HTML 2Page - Texas Instruments TLV803SDBZT Datasheet HTML 3Page - Texas Instruments TLV803SDBZT Datasheet HTML 4Page - Texas Instruments TLV803SDBZT Datasheet HTML 5Page - Texas Instruments TLV803SDBZT Datasheet HTML 6Page - Texas Instruments TLV803SDBZT Datasheet HTML 7Page - Texas Instruments TLV803SDBZT Datasheet HTML 8Page - Texas Instruments TLV803SDBZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TLV803, TLV853, TLV863
SBVS157C – APRIL 2011 – REVISED SEPTEMBER 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating junction temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD(2)
0
7
Voltage
V
All other pins(2)
–0.3
+7
Maximum low output current, IOL
5
Maximum high output current, IOH
–5
Current
mA
Input clamp current, IIK (VI < 0 or VI > VDD)
±20
Output clamp current, IOK (VO < 0 or VO > VDD)
±20
Operating junction temperature range, TJ
–40
125
Temperature
°C
Storage temperature range, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND. For reliable operation the device should not be operated at 7 V for more than t = 1000h
continuously
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
Electrostatic
V(ESD)
V
discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Thermal Information
TLV8x3
THERMAL METRIC(1)
DBZ (SOT-23)
UNITS
3 PINS
RθJA
Junction-to-ambient thermal resistance
328.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
135.4
°C/W
RθJB
Junction-to-board thermal resistance
58.3
°C/W
ψJT
Junction-to-top characterization parameter
5.2
°C/W
ψJB
Junction-to-board characterization parameter
59.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.4 Recommended Operating Conditions
at specified temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Supply voltage
1.1
6
V
TJ
Operating junction temperature
–40
125
°C
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TLV803 TLV853 TLV863


Similar Part No. - TLV803SDBZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV803SDBZT TI1-TLV803SDBZT Datasheet
607Kb / 16P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803SDBZT TI1-TLV803SDBZT Datasheet
816Kb / 15P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
More results

Similar Description - TLV803SDBZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV803M TI1-TLV803M_13 Datasheet
816Kb / 15P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803M TI1-TLV803M Datasheet
607Kb / 16P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803 TI1-TLV803_15 Datasheet
913Kb / 20P
[Old version datasheet]   3Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV810M TI1-TLV810M_13 Datasheet
794Kb / 14P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
TLV810M TI1-TLV810M Datasheet
416Kb / 14P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
   Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Alliance Semiconductor ...
ASM1233A ALSC-ASM1233A Datasheet
209Kb / 9P
   Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
   Low Power 5V uP Reset Active LOW, Open - Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com