Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF1030 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SRF1030
Description  10.0 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SRF1030 Datasheet(HTML) 1 Page - Nanjing International Group Co

  SRF1030 Datasheet HTML 1Page - Nanjing International Group Co SRF1030 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-mail: nanjing@dgnjdz.com
www.dgnjdz.com
VOLTAGE RANGE
20 to 200 Volts
SRF1020 THRU SRF10200
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
Exceeds environmental standards of MIL-S-19500/228
Low power loss, high efficiency
Low forward voltage, high current capability
High surge capacity
For use in low voltage, high frequency inverters
Free wheeling, and polarity protection applications
MECHANICAL DATA
Case: ITO-220AC full molded plastic package
Terminals: Lead solderable per MIL-STD-202,
Method 208
Polarity: as marked
Mounting Position: Any
Weight: 0.08ounces, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
SRF
1020
SRF
1030
SRF
1035
SRF
1040
SRF
1045
SRF
1050
SRF
1060
SRF
1080
SRF
10100
SRF
10150
SRF
10200
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
35
40
45
50
60
80
100
150
200
Volts
Maximum RMS Voltage
VRMS
14
21
25
28
32
35
42
56
70
105
140
Volts
Maximum DC Blocking Voltage
VDC
20
30
35
40
45
50
60
80
100
150
200
Volts
Maximum Average Forward Rectified Current
At Tc=100℃
I(AV)
10.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
150
Amps
Maximum Forward Voltage at 10.0A per element
VF
0.65
0.75
0.85
Volts
TC = 25℃
0.5
Maximum DC Reverse Current at
rated DC Blocking Voltage per
element
TC = 100℃
IR
50
mA
Typical Junction Capacitance(Note2)
CJ
500
pF
Typical Thermal Resistance (Note 1)
RθJC
4.0
/W
Operating Storage Temperature Range
TJ TSTG
(-55 to +150)
Notes:
1.
Thermal Resistance Junction to CASE
2.
Measured at VR=4v and f=1MHz
CURRENT
10.0Ampere
s
AMP SCHOTTKY BARRIER RECTIFIERS
10.0
Dimensions in inches and (millimeters)
ITO-220AC


Similar Part No. - SRF1030

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
SRF1030 CHENYI-SRF1030 Datasheet
183Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SRF1030 DGNJDZ-SRF1030 Datasheet
202Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
SRF1030 CHENYI-SRF1030 Datasheet
170Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SRF1030 DGNJDZ-SRF1030 Datasheet
202Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SRF1030 TSC-SRF1030 Datasheet
111Kb / 2P
   Isolation 10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SRF1030

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MBR10100 SECOS-MBR10100_15 Datasheet
144Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SP10100 SECOS-SP10100_10 Datasheet
495Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SR1020 UNIOHM-SR1020 Datasheet
71Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP10150 SECOS-SP10150 Datasheet
62Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SRF1020 GWSEMI-SRF1020 Datasheet
72Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SK1045CL SECOS-SK1045CL_15 Datasheet
206Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1_15 Datasheet
210Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SM1045DS1 SECOS-SM1045DS1 Datasheet
335Kb / 2P
   10.0 Amp. Schottky Barrier Rectifiers
logo
Nanjing International G...
SRF1040-40V-ITO-220AC DGNJDZ-SRF1040-40V-ITO-220AC Datasheet
202Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MBR10150F SECOS-MBR10150F_15 Datasheet
85Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060_15 Datasheet
251Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com