Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDIS5N50TH Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MDIS5N50TH
Description  N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDIS5N50TH Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MDIS5N50TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDIS5N50TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDIS5N50TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDIS5N50TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDIS5N50TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDIS5N50TH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Jul.2012. Version1.0
MagnaChip Semiconductor Ltd
.
3
Fig.5 Transfer Characteristics
Fig.1 On-Region Characteristics
Fig.2 On-Resistance Variation with
Drain Current and Gate Voltage
Fig.3 On-Resistance Variation with
Temperature
Fig.4 Breakdown Voltage Variation vs.
Temperature
Fig.6 Body Diode Forward Voltage
Variation with Source Current and
Temperature
0
5
10
15
20
25
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
V
GS=10.0V
V
GS=20V
I
D,Drain Current [A]
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
V
GS=10V
V
GS=4.5V
Notes :
1. V
GS = 10 V
2. I
D = 5 A
T
J, Junction Temperature [
oC]
4
5
6
7
8
1
10
25℃
* Notes ;
1. V
DS=30V
150℃
-55℃
V
GS [V]
0.1
1
10
0.1
1
10
Notes
1. 250
PulseTest
2. T
C=25
V
gs=5.5V
=6.0V
=6.5V
=7.0V
=8.0V
=10.0V
V
DS,Drain-Source Voltage [V]
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS = 0 V
2. I
D
= 250㎂
T
J, Junction Temperature [
oC]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
10
100
Notes :
1. V
GS = 0 V
2. I
D
= 250㎂
V
SD, Source-Drain Voltage [V]


Similar Part No. - MDIS5N50TH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDIS5N50TH ISC-MDIS5N50TH Datasheet
364Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDIS5N50TH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDD5N50G MGCHIP-MDD5N50G Datasheet
773Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDD5N50 MGCHIP-MDD5N50 Datasheet
971Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDF5N50 MGCHIP-MDF5N50 Datasheet
1,012Kb / 6P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDP5N50B MGCHIP-MDP5N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDP5N50 MGCHIP-MDP5N50 Datasheet
981Kb / 6P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
logo
Fairchild Semiconductor
FDP5N50 FAIRCHILD-FDP5N50 Datasheet
265Kb / 10P
   N-Channel MOSFET 500V, 5A, 1.4廓
FDD5N50 FAIRCHILD-FDD5N50 Datasheet
503Kb / 8P
   N-Channel MOSFET 500V, 4A, 1.4廓
logo
MagnaChip Semiconductor...
MMD70R1K4P MGCHIP-MMD70R1K4P Datasheet
1Mb / 10P
   700V 1.4(ohm) N-channel MOSFET
MMHS70R1K4P MGCHIP-MMHS70R1K4P Datasheet
471Kb / 7P
   700V 1.4(ohm) N-channel MOSFET
MDP9N50B MGCHIP-MDP9N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com