Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C16M16D1-5BCN Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS4C16M16D1-5BCN
Description  Fully synchronous operation
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C16M16D1-5BCN Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS4C16M16D1-5BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C16M16D1-5BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C16M16D1-5BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C16M16D1-5BCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C16M16D1-5BCN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C16M16D1-5BCN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C16M16D1-5BCN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C16M16D1-5BCN Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C16M16D1-5BCN Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
AS4C16M16D1
Alliance Memory, lnc. Confidential
11
Rev. 1.1
Sep. /2011
Table 12. Absolute Maximum Rating
Symbol
Item
Rating
Unit
VIN, VOUT
Input, Output Voltage
- 0.5~ VDDQ + 0.5
V
VDD, VDDQ
Power Supply Voltage
- 1~3.6
V
TA
Ambient Temperature
Commercial
0~70
°C
Industrial
-40~85
°C
TSTG
Storage Temperature
- 65~150
°C
TSOLDER
Soldering Temperature
260
°C
PD
Power Dissipation
1
W
IOS
Short Circuit Output Current
50
mA
Note1: Stress greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device.
Note2: These voltages are relative to Vss
Table 13. Recommended D.C. Operating Conditions (TA = -40 ~ 85 C)
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
VDD
2.3
2.7
V
Power Supply Voltage (for I/O Buffer)
VDDQ
2.3
2.7
V
Input Reference Voltage
VREF
0.49*VDDQ
0.51* VDDQ
V
Input High Voltage (DC)
VIH (DC)
VREF + 0.15
VDDQ + 0.3
V
Input Low Voltage (DC)
VIL (DC)
-0.3
VREF – 0.15
V
Termination Voltage
VTT
VREF - 0.04
VREF + 0.04
V
Input Voltage Level, CK and CK inputs
VIN (DC)
-0.3
VDDQ + 0.3
V
Input Different Voltage, CK and CK inputs
VID (DC)
-0.36
VDDQ + 0.6
V
Input leakage current
II
-2
2
A
Output leakage current
IOZ
-5
5
A
Output High Current
IOH
-16.2
-
mA
VOH = 1.95V
Output Low Current
IOL
16.2
-
mA
VOL = 0.35V
Note: All voltages are referenced to VSS.
Table 14. Capacitance (VDD = 2.5V, f = 1MHz, TA = 25 C)
Symbol
Parameter
Min.
Max.
Unit
CIN1
Input Capacitance (CK, CK )
2
3
pF
CIN2
Input Capacitance (All other input-only pins)
2
3
pF
CI/O
DQ, DQS, DM Input/Output Capacitance
4
5
pF
Note: These parameters are guaranteed by design, periodically sampled and are not 100% tested


Similar Part No. - AS4C16M16D1-5BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C16M16D1A ALSC-AS4C16M16D1A Datasheet
2Mb / 64P
   66-pin TSOPII PACKAGE
AS4C16M16D1A-5TCN ALSC-AS4C16M16D1A-5TCN Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
AS4C16M16D1A-5TIN ALSC-AS4C16M16D1A-5TIN Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
More results

Similar Description - AS4C16M16D1-5BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C128M8D3 ALSC-1GB-AUTO-AS4C128M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C4M16D1 ALSC-AS4C4M16D1 Datasheet
1Mb / 52P
   Fully synchronous operation
AS4C4M16SA-CI ALSC-AS4C4M16SA-CI Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M16D1 ALSC-AS4C8M16D1 Datasheet
1Mb / 64P
   Fully synchronous operation
AS4C256M16D3A-12BIN ALSC-AS4C256M16D3A-12BIN Datasheet
2Mb / 83P
   Fully synchronous operation
AS4C8M32S ALSC-AS4C8M32S Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-6TIN ALSC-AS4C8M32S-6TIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16SA ALSC-AS4C16M16SA Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C128M8D3A-12BIN ALSC-AS4C128M8D3A-12BIN Datasheet
1Mb / 84P
   Fully synchronous operation
AS4C64M16D1A-6TIN ALSC-AS4C64M16D1A-6TIN Datasheet
2Mb / 62P
   Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com