Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C8M16SA-7BCN Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS4C8M16SA-7BCN
Description  Fully synchronous operation
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C8M16SA-7BCN Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS4C8M16SA-7BCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C8M16SA-7BCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C8M16SA-7BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C8M16SA-7BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C8M16SA-7BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C8M16SA-7BCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C8M16SA-7BCN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C8M16SA-7BCN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C8M16SA-7BCN Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
AS4C8M16SA
Confidential
9
Rev. 2.2
Mar /2014
CLK
COMMAND
T0
T1
T2
T3
T4
T5
T6
NOP
NOP
READ A
NOP
NOP
WRITE B
NOP
NOP
T7
T8
NOP
DQM
DIN B0
DIN B1
DIN B2
DIN B3
CAS# Latency=2
tCK2, DQ
Must be Hi-Z before
the Write Command
Don’t Care
Figure 7. Read to Write Interval (Burst Length  4, CAS# Latency = 2)
CLK
COMMAND
T0
T1
T2
T3
T4
T5
T6
NOP
READ A
NOP
NOP
NOP
NOP
WRITE B
NOP
T7
T8
NOP
DQM
DOUT A0
DIN B0
DIN B1
DIN B2
CAS# Latency=3
tCK3, DQ
Must be Hi-Z before
the Write Command
Don’t Care
Figure 8. Read to Write Interval (Burst Length ≧ 4, CAS# Latency = 3)
A read burst without the auto precharge function may be interrupted by a BankPrecharge/
PrechargeAll command to the same bank. The following figure shows the optimum time that
BankPrecharge/ PrechargeAll command is issued in different CAS latency.
CLK
COMMAND
T0
T1
T2
T3
T4
T5
T6
READ A
NOP
NOP
NOP
Precharge
NOP
NOP
Activate
T7
T8
NOP
CAS# Latency=2
tCK2, DQ
CAS# Latency=3
tCK3, DQ
DOUT A0
DOUT A1
DOUT A2
DOUT A3
DOUT A0
DOUT A1
DOUT A2
DOUT A3
ADDRESS
Bank,
Col A
Bank (s)
Bank
Row
tRP
Figure 9. Read to Precharge (CAS# Latency = 2, 3)
5
Read and AutoPrecharge command
(RAS# = "H", CAS# = "L", WE# = "H", BAs = Bank, A10 = "H", A0-A8 = Column Address)
The Read and AutoPrecharge command automatically performs the precharge operation after the
read operation. Once this command is given, any subsequent command cannot occur within a time delay


Similar Part No. - AS4C8M16SA-7BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C8M16SA-7BCN ALSC-AS4C8M16SA-7BCN Datasheet
1Mb / 54P
   128M - 8M x 16 bit Synchronous DRAM (SDRAM)
More results

Similar Description - AS4C8M16SA-7BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C128M8D3 ALSC-1GB-AUTO-AS4C128M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C4M16D1 ALSC-AS4C4M16D1 Datasheet
1Mb / 52P
   Fully synchronous operation
AS4C4M16SA-CI ALSC-AS4C4M16SA-CI Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M16D1 ALSC-AS4C8M16D1 Datasheet
1Mb / 64P
   Fully synchronous operation
AS4C256M16D3A-12BIN ALSC-AS4C256M16D3A-12BIN Datasheet
2Mb / 83P
   Fully synchronous operation
AS4C8M32S ALSC-AS4C8M32S Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-6TIN ALSC-AS4C8M32S-6TIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16D1 ALSC-AS4C16M16D1 Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16SA ALSC-AS4C16M16SA Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C128M8D3A-12BIN ALSC-AS4C128M8D3A-12BIN Datasheet
1Mb / 84P
   Fully synchronous operation
AS4C64M16D1A-6TIN ALSC-AS4C64M16D1A-6TIN Datasheet
2Mb / 62P
   Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com