Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6420IRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6420IRZ
Description  Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6420IRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6420IRZ Datasheet HTML 7Page - Intersil Corporation ISL6420IRZ Datasheet HTML 8Page - Intersil Corporation ISL6420IRZ Datasheet HTML 9Page - Intersil Corporation ISL6420IRZ Datasheet HTML 10Page - Intersil Corporation ISL6420IRZ Datasheet HTML 11Page - Intersil Corporation ISL6420IRZ Datasheet HTML 12Page - Intersil Corporation ISL6420IRZ Datasheet HTML 13Page - Intersil Corporation ISL6420IRZ Datasheet HTML 14Page - Intersil Corporation ISL6420IRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN9151.4
July 18, 2005
VMSET/MODE - This pin is a dual function pin. Tie this pin to
VCC5 to disable voltage margining. When not tied to VCC5,
this pin serves as VMSET. Connect a resistor from this pin to
ground to set the delta for voltage margining. If voltage
margining and external reference tracking mode are not
needed, this pin can be tied directly to ground.
GPIO2 - This is general purpose IO pin for voltage
margining. Refer to Table 2.
TABLE 2. VOLTAGE MARGINING CONTROLLED BY
GPIO1/REFIN AND GPIO2
GPIO1/REFIN
GPIO2
VOUT
L
L
No Change
LH
+ Delta VOUT
H
L
- Delta VOUT
H
H
Ignored
TABLE 3. VOLTAGE MARGINING/DDR OR TRACKING SUPPLY PIN CONFIGURATION
FUNCTION/MODES
PIN CONFIGURATIONS
COMMENTS
VMSET/MODE
REFOUT
GPIO1/REFIN
GPIO2
Enable Voltage
Margining
Pin Connected to GND
with resistor. It is used
as VMSET.
Connect a 1µF
capacitor for bypass of
external reference.
Serves as a general
purpose I/O. Refer to
Table 2
Serves as a general
purpose I/O. Refer to
Table 2
REFIN or REFOUT
functions will not be
available in this mode.
The internal 0.6V
reference is used.
No Voltage Margining.
Normal operation using
internal reference.
REFOUT not used.
Pin Connected to GND
with resistor. It is used
as VMSET
Connect a 1µF
capacitor for bypass of
external reference.
LL
No Voltage Margining.
Normal operation with
internal reference.
Buffered VREFOUT =
0.6V.
H
Connect a 2.2µF
capacitor to GND.
H (Note 2)
L
No Voltage Margining.
External reference.
Buffered VREFOUT =
VREFIN
H
Connect a 2.2µF
capacitor to GND.
Connect to an external
reference voltage
source (0.6V to 1.25V)
L
NOTES:
1. The GPIO1/REFIN and GPIO2 pins cannot be left floating.
2. Ensure that GPIO1/REFIN is tied high prior to the logic change at VMSET/MODE.
ISL6420


Similar Part No. - ISL6420IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6420IRZ RENESAS-ISL6420IRZ Datasheet
1,008Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6420IRZ-T RENESAS-ISL6420IRZ-T Datasheet
1,008Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6420IRZ-TK RENESAS-ISL6420IRZ-TK Datasheet
1,008Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6420IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6420A RENESAS-ISL6420A Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6420B INTERSIL-ISL6420B Datasheet
536Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6420 RENESAS-ISL6420 Datasheet
1,008Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6420A INTERSIL-ISL6420A Datasheet
605Kb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6420B RENESAS-ISL6420B Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com