Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4051BN Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IW4051BN
Description  Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IW4051BN Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IW4051BN Datasheet HTML 1Page - List of Unclassifed Manufacturers IW4051BN Datasheet HTML 2Page - List of Unclassifed Manufacturers IW4051BN Datasheet HTML 3Page - List of Unclassifed Manufacturers IW4051BN Datasheet HTML 4Page - List of Unclassifed Manufacturers IW4051BN Datasheet HTML 5Page - List of Unclassifed Manufacturers IW4051BN Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IW4051B
100
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input tr=tf=20.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥ -55
°C
≤ 25
°C
≤ 125
°C
Unit
tPLH, tPHL
Maximum Propagation Delay , Analog Input to
Analog Output (Figure 1)
RL=200kΩ
5
10
15
60
30
20
60
30
20
120
60
40
ns
tPLZ, tPHZ
Maximum Propagation Delay , Address to Analog
Output (Figure 2) RL=10kΩ
VEE=GND=0
5
10
15
720
320
240
720
320
240
1440
640
480
ns
VEE=-5V
5
450
450
900
tPLZ,
tPZL
Maximum Propagation Delay, Enable to Analog
Output (Figure 2) RL=10kΩ
VEE=GND=0
5
10
15
720
320
240
720
320
240
1440
640
480
ns
VEE=-10V
5
400
400
800
tPHZ,
tPZH
Maximum Propagation Delay, Enable to Analog
Output (Figure 2) RL=10kΩ
VEE=GND=0
5
10
15
450
210
160
450
210
160
900
420
320
ns
VEE=-10V
5
300
300
600
CIN
Maximum Input Capacitance, Channel-Select or
Enable Inputs
-
7.5
7.5
7.5
pF
CI/O
Maximum Capacitance
VEE=GND=-5V
CIS
5-
5
-
pF
COS
5-
30
-
Feedthrough CIOS
5-
0.2
-


Similar Part No. - IW4051BN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4051BN IKSEMICON-IW4051BN Datasheet
236Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
More results

Similar Description - IW4051BN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4052B ETC-IW4052B Datasheet
196Kb / 6P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC4052A KODENSHI-KK74HC4052A Datasheet
300Kb / 8P
   Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC4053A IKSEMICON-IN74HC4053A Datasheet
225Kb / 9P
   Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
IW4051B IKSEMICON-IW4051B Datasheet
236Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4052B IKSEMICON-IW4052B Datasheet
256Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4053B IKSEMICON-IW4053B Datasheet
194Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4052B KODENSHI-KK4052B Datasheet
340Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL4052B SLS-SL4052B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
SL74HC4052 SLS-SL74HC4052 Datasheet
88Kb / 9P
   Analog Multiplexer/Demultiplexer(High-Performance Silicon-Gate CMOS)
logo
ON Semiconductor
MC74LVX4053 ONSEMI-MC74LVX4053 Datasheet
141Kb / 16P
   Analog Multiplexer/ Demultiplexer High-Performance Silicon-Gate CMOS
January, 2002 ??Rev. 4
MC74LVXT4051 ONSEMI-MC74LVXT4051 Datasheet
153Kb / 16P
   ANALOG MULTIPLEXER DEMULTIPLEXER HIGH-PERFORMANCE SILICON-GATE CMOS
January, 2002 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com