Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE102 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE102
Description  Germanium Complementary Transistors Power Output, Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE102 Datasheet(HTML) 1 Page - NTE Electronics

  NTE102 Datasheet HTML 1Page - NTE Electronics NTE102 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE102 (PNP) & NTE103 (NPN)
Germanium Complementary Transistors
Power Output, Driver
Description:
The NTE102 (PNP) and NTE103 (NPN) are Germanium complementary transistors designed for me-
dium–speed saturated switching applications.
Features:
D Low Collector–Emitter Saturation Voltage:
VCE(sat) = 200mV Max @ IC = 24mA
D High Emitter–Base Breakdown Voltage:
V(BR)EBO = 12V Min @ IE = 20µA
Absolute Maximum Ratings:
Collector–Base Voltage, VCBO
25V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Voltage, VCES
24V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
12V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Collector Current, IC
150mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter Current, IE
100mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Device Dissipation (TA = +25°C), PD
150mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above +25
°
2mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Device Dissipation (TC = +25°C), PD
300mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above +25
°
4mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–65
° to +100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Junction Temperature Range, Tstg
–65
° to +100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF Characteristics
Collector–Base Breakdown Voltage
V(BR)CBO IC = 20µA, IE = 0
25
V
Emitter–Base Breakdown Voltage
V(BR)EBO IE = 20µA, IC = 0
12
V
Punch–Through Voltage
VPT
VEBfl = 1V, Note 1
24
V
Collector Cutoff Current
ICBO
VCB = 12V, IE = 0
0.8
5.0
µA
VCB = 12V, IE = 0, TA = +80°C
20
90
µA
Emitter Cutoff Current
IEBO
VEB = 2.5V, IC = 0
0.5
2.5
µA
Note 1. VPT is determined by measuring the Emitter–Base floating potential VEBfl, using a voltmeter
with 11M
Ω minimum input impedance. The Collector–Base Voltage, VCB, is increased until
VEBfl = 1V; this value of VCB = (VPT + 1).


Similar Part No. - NTE102

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1022 NTE-NTE1022 Datasheet
18Kb / 2P
   Integrated Circuit 4-Channel Stereo Decoder
NTE1024 NTE-NTE1024 Datasheet
18Kb / 2P
   Integrated Circuit Module - Hybrid, Audio Power Amplifier
NTE1026 NTE-NTE1026 Datasheet
76Kb / 1P
   Integrated Circuit Module, Hybrid OSC/Buffer
NTE1027 NTE-NTE1027 Datasheet
18Kb / 2P
   Integrated Circuit Module - Hybrid, Audio Power Amplifier
NTE1028 NTE-NTE1028 Datasheet
73Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amp 20W
More results

Similar Description - NTE102

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE131 NTE-NTE131 Datasheet
20Kb / 2P
   Germanium Complementary Transistors Audio Power Amplifier
NTE102A NTE-NTE102A Datasheet
19Kb / 2P
   Germanium Complementary Transistors Medium Power Amplifier
NTE377 NTE-NTE377 Datasheet
19Kb / 2P
   Silicon Complementary Transistors Power Amp Driver, Output, Switch
NTE2576 NTE-NTE2576 Datasheet
19Kb / 2P
   Silicon Complementary Transistors Audio Output Driver
NTE210 NTE-NTE210 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Output & Driver
NTE128 NTE-NTE128 Datasheet
27Kb / 3P
   Silicon Complementary Transistors Audio Output, Video, Driver
logo
New Jersey Semi-Conduct...
2N2266A NJSEMI-2N2266A Datasheet
76Kb / 1P
   germanium power transistors
logo
List of Unclassifed Man...
AL102 ETC1-AL102 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N1549 NJSEMI-2N1549 Datasheet
76Kb / 1P
   germanium power transistors
2N257 NJSEMI-2N257 Datasheet
88Kb / 1P
   GERMANIUM POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com