Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDF11N60 Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF11N60
Description  N-Channel MOSFET 600V, 11A, 0.55(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF11N60 Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF11N60 Datasheet HTML 1Page - MagnaChip Semiconductor. MDF11N60 Datasheet HTML 2Page - MagnaChip Semiconductor. MDF11N60 Datasheet HTML 3Page - MagnaChip Semiconductor. MDF11N60 Datasheet HTML 4Page - MagnaChip Semiconductor. MDF11N60 Datasheet HTML 5Page - MagnaChip Semiconductor. MDF11N60 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Jun 2011 Version 2.3
MagnaChip Semiconductor Ltd.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
600
V
Drain-Source Voltage @ Tjmax
VDSS @ Tjmax
660
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current (※)
TC=25
oC
ID
11
A
TC=100
oC
6.9
A
Pulsed Drain Current
(1)
IDM
44
A
Power Dissipation
TC=25
oC
PD
49
W
Derate above 25
oC
0.39
W/
oC
Peak Diode Recovery dv/dt
(3)
dv/dt
4.5
V/ns
Single Pulse Avalanche Energy
(4)
EAS
720
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
※ Id limited by maximum junction temperature
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
oC/W
Thermal Resistance, Junction-to-Case
(1)
RθJC
2.55
MDF11N60
N-Channel MOSFET 600V, 11A, 0.55
General Description
The MDF11N60 uses advanced MagnaCh
ip’s MOSFET
Technology, which provides low on-state resistance, high
switching performance and excellent quality.
MDF11N60 is suitable device for SMPS, high Speed switching
and general purpose applications.
Features
VDS = 600V
VDS = 660V
@ Tjmax
ID = 11A
@ VGS = 10V
RDS(ON) ≤ 0.55Ω
@ VGS = 10V
Applications
Power Supply
PFC
High Current, High Speed Switching
S
D
G


Similar Part No. - MDF11N60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDF11N60TH ISC-MDF11N60TH Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDF11N60

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDFS11N60 MGCHIP-MDFS11N60 Datasheet
1Mb / 6P
   N-Channel MOSFET 600V, 11A, 0.55(ohm)
MDP11N60 MGCHIP-MDP11N60 Datasheet
1Mb / 6P
   N-Channel MOSFET 600V, 11A, 0.55(ohm)
logo
Alpha & Omega Semicondu...
AOB11N60L AOSMD-AOB11N60L Datasheet
450Kb / 5P
   600V,11A N-Channel MOSFET
AOW11N60 AOSMD-AOW11N60 Datasheet
452Kb / 5P
   600V,11A N-Channel MOSFET
AOB11N60 AOSMD-AOB11N60 Datasheet
450Kb / 5P
   600V,11A N-Channel MOSFET
AOT11N60 AOSMD-AOT11N60 Datasheet
551Kb / 6P
   600V,11A N-Channel MOSFET
logo
KIA Semiconductor Techn...
60R380DS KIA-60R380DS Datasheet
262Kb / 8P
   11A 600V N-CHANNEL MOSFET
logo
MagnaChip Semiconductor...
MDD7N25 MGCHIP-MDD7N25 Datasheet
925Kb / 6P
   N-Channel MOSFET 250V, 6.2A, 0.55(ohm)
logo
Central Semiconductor C...
PB-CDM22011_1509 CENTRAL-PB-CDM22011_1509 Datasheet
1Mb / 2P
   600V, 11A N-Channel UltraMOS??Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com