Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMPP-3865 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # HMPP-3865
Description  MiniPak Surface Mount RF PIN Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HMPP-3865 Datasheet(HTML) 2 Page - Broadcom Corporation.

  HMPP-3865 Datasheet HTML 1Page - Broadcom Corporation. HMPP-3865 Datasheet HTML 2Page - Broadcom Corporation. HMPP-3865 Datasheet HTML 3Page - Broadcom Corporation. HMPP-3865 Datasheet HTML 4Page - Broadcom Corporation. HMPP-3865 Datasheet HTML 5Page - Broadcom Corporation. HMPP-3865 Datasheet HTML 6Page - Broadcom Corporation. HMPP-3865 Datasheet HTML 7Page - Broadcom Corporation. HMPP-3865 Datasheet HTML 8Page - Broadcom Corporation. HMPP-3865 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image

HMPP-386x Series Absolute Maximum Ratings[1], T
C = 5°C
MiniPak 141 /
Symbol
Parameter
Units
MiniPak QFN
I
f
Forward Current (1 µs pulse)
Amp
1
P
IV
Peak Inverse Voltage
V
100
T
j
Junction Temperature
°C
150
T
stg
Storage Temperature
°C
-65 to +150
θ
jc
Thermal Resistance[2]
°C/W
150
Notes:
1. Operation in excess of any one of these
conditions may result in permanent dam-
age to the device.
2. T
C = +25°C, where TC is defined to be the
temperature at the package pins where
contact is made to the circuit board.
MiniPak141
Electrical Specifications, T
C = +5°C, each diode
Part Number
Package
Minimum Breakdown
Typical Series
HMPP-
Marking Code
Lead Code
Configuration
Voltage (V)
Resistance(Ω)
3860
H
0
Single
50
3.0/1.5*
3862
F
2
Anti-parallel
3865
E
5
Parallel
Test Conditions
V
R = VBR
I
F = 10 mA
Measure
f = 100 MHz
I
R ≤ 10 µA
*I
F = 100 mA
ESD WARNING:
Handling Precautions Should Be Taken
To Avoid Static Discharge.
MiniPak141
Typical Parameters, T
C = +5°C
Part Number
Total Resistance
Carrier Lifetime
Reverse Recovery Time
Total Capacitance
HMPP-
R
T (Ω)
τ (ns)
T
rr (ns)
C
T (pF)
3860
22
500
80
0.20
3862
3865
Test Conditions
I
F = 1 mA
I
F = 50 mA
V
R = 10 V
V
R = 50V
f = 100 MHz
T
R = 250 mA
I
F = 20 mA
f = 1 MHz
90% Recovery


Similar Part No. - HMPP-3865

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMPP-3865 HP-HMPP-3865 Datasheet
134Kb / 8P
   MiniPak Surface Mount RF PIN Diodes
More results

Similar Description - HMPP-3865

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HMPP-3860 BOARDCOM-HMPP-3860 Datasheet
230Kb / 10P
   MiniPak Surface Mount RF PIN Diodes
HMPP-3862 BOARDCOM-HMPP-3862 Datasheet
230Kb / 10P
   MiniPak Surface Mount RF PIN Diodes
HMPP-386X BOARDCOM-HMPP-386X Datasheet
5Mb / 11P
   MiniPak Surface Mount RF PIN Diodes
logo
Agilent(Hewlett-Packard...
HMPP-386X HP-HMPP-386X Datasheet
134Kb / 8P
   MiniPak Surface Mount RF PIN Diodes
HMPP-389X HP-HMPP-389X Datasheet
159Kb / 11P
   MiniPak Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
DEMO-HMPP-38X0 BOARDCOM-DEMO-HMPP-38X0 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3890 BOARDCOM-HMPP-3890 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3892 BOARDCOM-HMPP-3892 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3895 BOARDCOM-HMPP-3895 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-389X BOARDCOM-HMPP-389X Datasheet
1Mb / 14P
   MiniPak Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com