Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V7399S133BFI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT70V7399S133BFI
Description  HIGH-SPEED 3.3V 128K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V7399S133BFI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT70V7399S133BFI Datasheet HTML 7Page - Integrated Device Technology IDT70V7399S133BFI Datasheet HTML 8Page - Integrated Device Technology IDT70V7399S133BFI Datasheet HTML 9Page - Integrated Device Technology IDT70V7399S133BFI Datasheet HTML 10Page - Integrated Device Technology IDT70V7399S133BFI Datasheet HTML 11Page - Integrated Device Technology IDT70V7399S133BFI Datasheet HTML 12Page - Integrated Device Technology IDT70V7399S133BFI Datasheet HTML 13Page - Integrated Device Technology IDT70V7399S133BFI Datasheet HTML 14Page - Integrated Device Technology IDT70V7399S133BFI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
6.42
IDT70V7399S
High-Speed 128K x 18 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
11
AC Electrical Characteristics Over the Operating Temperature Range
(Read and Write Cycle Timing)(2,3) (VDD = 3.3V ± 150mV, TA = 0°C to +70°C)
NOTES:
1. The Pipelined output parameters (tCYC2, tCD2) apply to either or both left and right ports when PL/
FTX = VIH. Flow-through parameters (tCYC1, tCD1) apply when
PL/
FTX = VIL for that port.
2. All input signals are synchronous with respect to the clock except for the asynchronous Output Enable (
OE) and PL/FTX. PL/FTX should be treated as a
DC signal, i.e. steady state during operation.
3. These values are valid for either level of VDDQ (3.3V/2.5V). See page 5 for details on selecting the desired operating voltage levels for each port.
70V7399S200
(5)
Com'l Only
70V7399S166
(3,4)
Com'l
& Ind
70V7399S133
(3)
Com'l
& Ind
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tCY C1
Clo ck Cycle Time (Flo w-Thro ug h)
(1)
15
____
20
____
25
____
ns
tCY C2
Clock Cycle Time (P ipelined)
(1)
5
____
6
____
7.5
____
ns
tCH1
Clo ck Hig h Time (Flo w-Thro ug h)
(1)
5
____
6
____
7
____
ns
tCL1
Clo ck Lo w Tim e (Flow-Thro ugh)
(1)
5
____
6
____
7
____
ns
tCH2
Clock High Time (P ipelined)
(2)
2.0
____
2.1
____
2.6
____
ns
tCL2
Clock Lo w Tim e (P ipelined)
(1)
2.0
____
2.1
____
2.6
____
ns
tR
Clo ck Rise Time
____
1.5
____
1.5
____
1.5
ns
tF
Clo ck Fall Time
____
1.5
____
1.5
____
1.5
ns
tSA
A d dre ss Se tup Tim e
1.5
____
1.7
____
1.8
____
ns
tHA
Ad dre ss Ho ld Tim e
0.5
____
0.5
____
0.5
____
ns
tSC
Chip E nab le S e tup Time
1.5
____
1.7
____
1.8
____
ns
tHC
Chip E nab le Ho ld Time
0.5
____
0.5
____
0.5
____
ns
tSW
R/W Se tup Time
1.5
____
1.7
____
1.8
____
ns
tHW
R/W Ho ld Time
0.5
____
0.5
____
0.5
____
ns
tSD
Inp ut Data S e tup Time
1.5
____
1.7
____
1.8
____
ns
tHD
Input Data Ho ld Tim e
0.5
____
0.5
____
0.5
____
ns
tSA D
ADS Setup Time
1.5
____
1.7
____
1.8
____
ns
tHA D
ADS Hold Time
0.5
____
0.5
____
0.5
____
ns
tSCN
CNTEN Setup Time
1.5
____
1.7
____
1.8
____
ns
tHCN
CNTEN Hold Time
0.5
____
0.5
____
0.5
____
ns
tSRPT
REPEAT Setup Time
1.5
____
1.7
____
1.8
____
ns
tHRP T
REPEAT Hold Time
0.5
____
0.5
____
0.5
____
ns
tOE
Outp ut Enab le to Data Valid
____
4.0
____
4.0
____
4.2
ns
tOLZ
Outp ut Enab le to Outp ut Lo w-Z
0.5
____
0.5
____
0.5
____
ns
tOHZ
Outp ut Enab le to Outp ut Hig h-Z
1
3.4
1
3.6
1
4.2
ns
tCD1
Clo ck to Data Valid (Flo w-Thro ug h)
(1)
____
10
____
12
____
15
ns
tCD2
Clock to Data Valid (Pipelined )(1)
____
3.4
____
3.6
____
4.2
ns
tDC
Data Output Ho ld A fte r Clo ck Hig h
1
____
1
____
1
____
ns
tCK HZ
Clock High to Outp ut High-Z
1
3.4
1
3.6
1
4.2
ns
tCKLZ
Clo ck Hig h to Outp ut Lo w-Z
0.5
____
0.5
____
0.5
____
ns
Port-to-Port Delay
tCO
Clo ck-to -Clo ck Offse t
5.0
____
6.0
____
7.5
____
ns
5630 tb l 11
4. 166MHz Industrial Temperature not available in BF-208 package.
5. This speed grade available when VDDQ = 3.3.V for a specific port (i.e., OPTx = VIH). This speed grade available in BC-256 package only.


Similar Part No. - IDT70V7399S133BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7319S IDT-IDT70V7319S Datasheet
621Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7319S IDT-IDT70V7319S Datasheet
744Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7319S133BC IDT-IDT70V7319S133BC Datasheet
621Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7319S133BCI IDT-IDT70V7319S133BCI Datasheet
621Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7319S133BF IDT-IDT70V7319S133BF Datasheet
621Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results

Similar Description - IDT70V7399S133BFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V7599 RENESAS-70V7599 Datasheet
525Kb / 24P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V7599S IDT-IDT70V7599S_09 Datasheet
230Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7599S IDT-IDT70V7599S Datasheet
489Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7339S IDT-IDT70V7339S Datasheet
482Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7339 RENESAS-70V7339 Datasheet
540Kb / 23P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
70V7319 RENESAS-70V7319 Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V7319S IDT-IDT70V7319S Datasheet
621Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S Datasheet
490Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S_09 Datasheet
231Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7589S IDT-IDT70V7589S Datasheet
494Kb / 22P
   HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com