Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMID5201AE1R Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ZMID5201AE1R
Description  Inductive Position Sensor IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZMID5201AE1R Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ZMID5201AE1R Datasheet HTML 3Page - Integrated Device Technology ZMID5201AE1R Datasheet HTML 4Page - Integrated Device Technology ZMID5201AE1R Datasheet HTML 5Page - Integrated Device Technology ZMID5201AE1R Datasheet HTML 6Page - Integrated Device Technology ZMID5201AE1R Datasheet HTML 7Page - Integrated Device Technology ZMID5201AE1R Datasheet HTML 8Page - Integrated Device Technology ZMID5201AE1R Datasheet HTML 9Page - Integrated Device Technology ZMID5201AE1R Datasheet HTML 10Page - Integrated Device Technology ZMID5201AE1R Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
ZMID5201/-02/-03 Datasheet
© 2017 Integrated Device Technology, Inc.
7
April 28, 2017
4. Operating Conditions
Conditions: VDDE = 5V ±10%, TA = -40°C to +150°C.
Table 3.
Operating Conditions
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
TA
Ambient temperature
-40
150
ºC
TJ
Junction temperature
-40
175
ºC
TSTOR
Storage temperature
-50
150
ºC
RTHJA
Thermal resistance junction to ambient
140
ºC/W
VVDDE
Supply voltage
4.5
5
5.5
V
ESD
Electrostatic discharge,
HBM 100pF/1.5kΩ
Pins VSS, VCC
±4
kV
Pin SOUT[a]
±3
kV
All other pins
±2
kV
[a] The SOUT pin is referred to as the AOUT pin for the ZMID5201; PWM OUT for the ZMID5202; and SENT OUT for the ZMID5203.
5. Electrical Characteristics
The following electrical specifications are valid for the operating conditions as specified in Table 3: (TA = -40°C to 150°C).
Table 4.
ZMID5201/-02/-03 Electrical Characteristics
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VVDDE_TH_H
VDDE switch ON threshold
The device is activated when VDDE
increases above this threshold
4.4
V
VVDDE_TH_L
VDDE switch OFF threshold
The device is deactivated when
VDDE decreases below this threshold
4
V
VVDDE_HYST
VDDE hysteresis
0.1
V
VVDDE_OVH
Over-voltage detection high
The device is deactivated after VDDE
increases above this voltage
7
V
VVDDE_OVL
Over-voltage detection low
The device is activated after VDDE
decreases below this voltage
5.6
V
VVDDT
Regulated coil driver supply
output voltage
Internally regulated, programmable
2.4
3.6
V
ICC
Current consumption
Without coils. no load
5
9
mA
With coils, no load; depending on
programmable Tx coil current
12
20
mA


Similar Part No. - ZMID5201AE1R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZMID5201AE1R RENESAS-ZMID5201AE1R Datasheet
1Mb / 33P
   Inductive Position Sensor IC
July 21, 2020
More results

Similar Description - ZMID5201AE1R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZMID4200 RENESAS-ZMID4200 Datasheet
1,018Kb / 26P
   Inductive Position Sensor IC
Aug 19, 2021
IPS2200 RENESAS-IPS2200_V01 Datasheet
1Mb / 37P
   Inductive Position Sensor IC
Aug.5.22
IPS2200 RENESAS-IPS2200 Datasheet
1Mb / 35P
   Inductive Position Sensor IC
IPS2550 RENESAS-IPS2550 Datasheet
1Mb / 53P
   Inductive Position Sensor IC
June 20, 2022
ZMID5201 RENESAS-ZMID5201 Datasheet
1Mb / 33P
   Inductive Position Sensor IC
July 21, 2020
logo
Melexis Microelectronic...
MLX90365 MELEXIS-MLX90365 Datasheet
897Kb / 35P
   Triaxis짰 Position Sensor IC
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90377 MELEXIS-MLX90377 Datasheet
3Mb / 90P
   Triaxis짰 Position Sensor IC
MLX90360 MELEXIS-MLX90360 Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
   Rotary Position Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com