Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0603FR-0710KL Datasheet(PDF) 4 Page - Integrated Device Technology

Part # RC0603FR-0710KL
Description  Wireless Power Receiver for 15W Applications
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

RC0603FR-0710KL Datasheet(HTML) 4 Page - Integrated Device Technology

  RC0603FR-0710KL Datasheet HTML 1Page - Integrated Device Technology RC0603FR-0710KL Datasheet HTML 2Page - Integrated Device Technology RC0603FR-0710KL Datasheet HTML 3Page - Integrated Device Technology RC0603FR-0710KL Datasheet HTML 4Page - Integrated Device Technology RC0603FR-0710KL Datasheet HTML 5Page - Integrated Device Technology RC0603FR-0710KL Datasheet HTML 6Page - Integrated Device Technology RC0603FR-0710KL Datasheet HTML 7Page - Integrated Device Technology RC0603FR-0710KL Datasheet HTML 8Page - Integrated Device Technology RC0603FR-0710KL Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
4
April 4, 2017
List of Tables
Table 1. Pin Descriptions...................................................................................................................................................................................5
Table 2. Absolute Maximum Ratings.................................................................................................................................................................8
Table 3. ESD Information ..................................................................................................................................................................................8
Table 4. Package Thermal Information .............................................................................................................................................................9
Table 5. Electrical Characteristics .....................................................................................................................................................................9
Table 6. Setting the Output Voltage ................................................................................................................................................................16
Table 7. Maximum Estimated Power Loss ......................................................................................................................................................19
Table 8. Device Identification Register ............................................................................................................................................................24
Table 9. Firmware Major Revision...................................................................................................................................................................24
Table 10. Firmware Minor Revision...................................................................................................................................................................24
Table 11. Status Registers ................................................................................................................................................................................24
Table 12. Interrupt Status Registers..................................................................................................................................................................25
Table 13. Interrupt Enable Registers.................................................................................................................................................................25
Table 14. Battery Charge Status .......................................................................................................................................................................25
Table 15. End Power Transfer...........................................................................................................................................................................26
Table 16. Read Register – Output Voltage........................................................................................................................................................26
Table 17. Read Register – VRECT Voltage ......................................................................................................................................................26
Table 18. Read Register – IOUT Current ..........................................................................................................................................................26
Table 19. Read Register – Die Temperature.....................................................................................................................................................27
Table 20. Read Register – Operating Frequency..............................................................................................................................................27
Table 21. Alignment X Value Register...............................................................................................................................................................27
Table 22. Alignment Y Value Register...............................................................................................................................................................27
Table 23. Command Register............................................................................................................................................................................28
Table 24. Recommended Coil Manufacturers ...................................................................................................................................................29
Table 25. P9221-R MM Evaluation Kit V2.1 Bill of Materials.............................................................................................................................31


Similar Part No. - RC0603FR-0710KL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC0603FR-0710KL TI1-RC0603FR-0710KL Datasheet
2Mb / 47P
[Old version datasheet]   Performance Demonstration Kit for the ADS130E08
RC0603FR-0710KL TI1-RC0603FR-0710KL Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
logo
List of Unclassifed Man...
RC0603FR-0710KL ETC2-RC0603FR-0710KL Datasheet
402Kb / 9P
   Reducing environmentally hazarduous wastes, High component and equipment reliability
logo
Vishay Siliconix
RC0603FR-0710KL VISHAY-RC0603FR-0710KL Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
Monolithic Power System...
RC0603FR-0710KL MPS-RC0603FR-0710KL Datasheet
551Kb / 4P
   2.7V - 13V Input, 1A, Step-Up Power Supply
More results

Similar Description - RC0603FR-0710KL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
   Wireless Power Receiver for 15W Applications
October 10, 2017
P9242-R RENESAS-P9242-R Datasheet
1Mb / 38P
   Wireless Power Transmitter for 15W Applications
January 16, 2018
logo
STMicroelectronics
STWLC38 STMICROELECTRONICS-STWLC38 Datasheet
728Kb / 5P
   Qi-compliant dual mode wireless power receiver for up to 15W applications
Rev 2 - June 2022
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
   Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
logo
Kinetic Technologies.
KTE7001 KINETIC-KTE7001 Datasheet
207Kb / 2P
   15W Wireless Power Receiver for WPC/Qi BPP/EPP
September 2021 - Revision 04d
logo
Renesas Technology Corp
P9222-R RENESAS-P9222-R Datasheet
3Mb / 58P
   Wireless Power Receiver for Low Power Applications
May 5, 2022
P9415-R RENESAS-P9415-R Datasheet
1Mb / 62P
   15W Wireless Power Receiver with WattShare™ Mode
May 4, 2021
P9225-R RENESAS-P9225-R Datasheet
1Mb / 35P
   Dual-Mode Wireless Power Receiver for 5W Applications
November 12, 2018
logo
Integrated Device Techn...
P9260 IDT-P9260 Datasheet
158Kb / 2P
   15W Wireless Power Transmitter
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
   Wireless Charging System Receiver IC for Low Power Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com