Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSE2004GB2C0 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # TSE2004GB2C0
Description  DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Module
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSE2004GB2C0 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button TSE2004GB2C0 Datasheet HTML 6Page - Integrated Device Technology TSE2004GB2C0 Datasheet HTML 7Page - Integrated Device Technology TSE2004GB2C0 Datasheet HTML 8Page - Integrated Device Technology TSE2004GB2C0 Datasheet HTML 9Page - Integrated Device Technology TSE2004GB2C0 Datasheet HTML 10Page - Integrated Device Technology TSE2004GB2C0 Datasheet HTML 11Page - Integrated Device Technology TSE2004GB2C0 Datasheet HTML 12Page - Integrated Device Technology TSE2004GB2C0 Datasheet HTML 13Page - Integrated Device Technology TSE2004GB2C0 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
©2017 Integrated Device Technology, Inc.
May 15, 2017
TSE2004GB2C0 Datasheet
Table 3. Device Select Code[a] [b]
Function
Abbr[c]
Device Type
Identifier[d]
Select Address[e] [f]
R/W_n
SA0 Pin[g]
b7
b6
b5
b4
b3
b2
b1
b0
Read Temperature Registers
RTR
0
0
1
1
LSA2
LSA1
LSA0
1
0 or 1
Write Temperature Registers
WTR
0
Read EE Memory
RSPD
1
0
1
0
LSA2
LSA1
LSA0
1
0 or 1
Write EE Memory
WSPD
0
Set Write Protection, Block 0
SWP0
0
110
00
1
0
VHV
Set Write Protection, Block 1
SWP1
1
0
0
0
VHV
Set Write Protection, Block 2
SWP2
1
0
1
0
VHV
Set Write Protection Block 2, lower half[h]
SWP2L
0
1
0
0
VHV
Set Write Protection, Block 3
SWP3
0
0
0
0
VHV
Clear All Write Protection
CWP
0
1
1
0
VHV
Read Protection Status, Block 0
RPS0
0
0
1
1
0, 1 or VHV
Read Protection Status, Block 1
RPS1
1
0
0
1
0, 1 or VHV
Read Protection Status, Block 2[i]
RPS2
1
0
1
1
0, 1 or VHV
Read Protection Status, Block 2, lower half[j] RPS2L
0
1
0
1
0, 1 or VHV
Read Protection Status, Block 3
RPS3
0
0
0
1
0, 1 or VHV
Set SPD Page Address to 0[k]
SPA0
1
1
0
0
0, 1 or VHV
Set SPD Page Address to 1k
SPA1
1
1
1
0
0, 1 or VHV
Read SPD Page Address[l]
RPA
1
1
0
1
0, 1 or VHV
Reserved
All Other Encodings
[a] Permanent Write Protect features for the TSE2002av has been eliminated from the TSE2004GB2C0.
[b] Don’t Care values for word address and data fields following commands may result in Ack or No_Ack responses.
[c] For commands, SWPn, CWP, RPSn, SPAn, RPA (Figure 6).
[d] The most significant bit, b7, is sent first.
[e] Logical Serial Addresses (LSA) are generated by the combination of inputs on the SA pins (
Table 2).
[f] For backward compatibility with previous devices, the order of block select bits (b3 and b1) are not a simple binary encoding of the block number.
[g] SA0 pin is driven to 0 =
VSSSPD, 1 = VDDSPD, or VHV.
[h] SWP2L command affects only the lower half of Block 2; the upper half is left unprotected unless SWP2 is issued.
[i] RPS2 command returns the combined status of the entire Block 2, the AND of both lower and upper halves.
[j] RPS2L command responds with the status of write protection of the lower half of Block 2 whether protected by SWP2 or by SWP2L commands.
[k] Setting the EE page address to 0, selects the lower 256 bytes of EEPROM. Setting the EE page address to 1, selects the upper 256 bytes of
EEPROM. Subsequent Read EE or Write EE commands operate on the selected EE page.
[l] Reading the EE page address results in Ack, when the current page is 0, and NoAck, when the current page is 1.


Similar Part No. - TSE2004GB2C0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TSE2004GB2C0 RENESAS-TSE2004GB2C0 Datasheet
1Mb / 35P
   DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Module
May 10, 2018
TSE2004GB2C0NCG RENESAS-TSE2004GB2C0NCG Datasheet
1Mb / 35P
   DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Module
May 10, 2018
TSE2004GB2C0NCG8 RENESAS-TSE2004GB2C0NCG8 Datasheet
1Mb / 35P
   DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Module
May 10, 2018
More results

Similar Description - TSE2004GB2C0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TSE2004GB2C0 RENESAS-TSE2004GB2C0 Datasheet
1Mb / 35P
   DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Module
May 10, 2018
TSE2004GB2B0 RENESAS-TSE2004GB2B0 Datasheet
1Mb / 32P
   DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Modules
May 9, 2018
TSE2002GB2A1 RENESAS-TSE2002GB2A1 Datasheet
540Kb / 31P
   Temperature Sensor with Integrated EEPROM for Memory Integrated EEPROM for Memory
July 17, 2012
TSE2002B3C RENESAS-TSE2002B3C Datasheet
621Kb / 31P
   Temperature Sensor with Integrated EEPROM for Memory Modules
May 12, 2010
logo
Microchip Technology
MCP98244 MICROCHIP-MCP98244 Datasheet
972Kb / 52P
   DDR4 DIMM Temperature Sensor with EEPROM for SPD
11/29/12 2012-2013
MCP98244 MICROCHIP-MCP98244_V01 Datasheet
1Mb / 52P
   DDR4 DIMM Temperature Sensor with EEPROM for SPD
Revision D March 2022
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
   Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 46P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2006
MCP98243 MICROCHIP-MCP98243 Datasheet
1Mb / 62P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2009
MCP9843 MICROCHIP-MCP9843 Datasheet
1Mb / 62P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com