Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2703BSILFTR Datasheet(PDF) 4 Page - Integrated Device Technology

Part # MK2703BSILFTR
Description  PLL AUDIO CLOCK SYNTHESIZER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MK2703BSILFTR Datasheet(HTML) 4 Page - Integrated Device Technology

  MK2703BSILFTR Datasheet HTML 1Page - Integrated Device Technology MK2703BSILFTR Datasheet HTML 2Page - Integrated Device Technology MK2703BSILFTR Datasheet HTML 3Page - Integrated Device Technology MK2703BSILFTR Datasheet HTML 4Page - Integrated Device Technology MK2703BSILFTR Datasheet HTML 5Page - Integrated Device Technology MK2703BSILFTR Datasheet HTML 6Page - Integrated Device Technology MK2703BSILFTR Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MK2703B
PLL AUDIO CLOCK SYNTHESIZER
CLOCK SYNTHESIZER
IDT™ / ICS™ PLL AUDIO CLOCK SYNTHESIZER
4
MK2703B
REV D 042606
Note 1: CMOS level input. Nominal trigger point is VDD/2 for 3.3 V or 5 V operation
AC Electrical Characteristics
VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
° C, unless stated otherwise
Note 1: Measured with 15 pF load.
Thermal Characteristics
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Output High Voltage, CMOS level
VOH
IOH = -4 mA
VDD-0.4
V
Operating Supply Current
IDD
No load
VDD = 3.3 V
10
mA
Short Circuit Current
CLK output
±50
mA
Input Capacitance
CIN
S0, S1 pins
5
pF
Nominal Output Impedance
20
Frequency Synthesis Error
All Clocks
0
ppm
Internal Pull-Up Resistor
RPUP
S1, S0 pins
750
k
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Crystal or Clock Frequency
FIN
27
MHz
Output Clock Rise Time
tOR
0.8 to 2.0 V, Note 1
0.7
1.5
ns
Output Clock Fall Time
tOF
2.0 to 8.0 V, Note 1
0.7
1.5
ns
Clock Stabilization Time After
Power Up
10
ms
Changing Frequency Setting
10
ms
Output Clock Duty Cycle
at VDD/2, Note 1
40
60
%
Maximum Absolute Jitter, short
term
tja
Deviation from
mean
±150
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
150
°C/W
θ
JA
1 m/s air flow
140
°C/W
θ
JA
3 m/s air flow
120
°C/W
Thermal Resistance Junction to Case
θ
JC
40
°C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units


Similar Part No. - MK2703BSILFTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2703BSILFTR RENESAS-MK2703BSILFTR Datasheet
354Kb / 8P
   PLL AUDIO CLOCK SYNTHESIZER
042606
More results

Similar Description - MK2703BSILFTR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2704 ICST-MK2704 Datasheet
63Kb / 4P
   PLL Audio Clock Synthesizer
logo
Integrated Device Techn...
MK2703 IDT-MK2703 Datasheet
187Kb / 7P
   PLL AUDIO CLOCK SYNTHESIZER
logo
Integrated Circuit Syst...
MK2703 ICST-MK2703 Datasheet
63Kb / 4P
   PLL Audio Clock Synthesizer
logo
Renesas Technology Corp
MK2704 RENESAS-MK2704 Datasheet
333Kb / 7P
   PLL AUDIO CLOCK SYNTHESIZER
051310
MK2703 RENESAS-MK2703 Datasheet
348Kb / 8P
   PLL AUDIO CLOCK SYNTHESIZER
051310
MK2703B RENESAS-MK2703B Datasheet
354Kb / 8P
   PLL AUDIO CLOCK SYNTHESIZER
042606
ICS348-22 RENESAS-ICS348-22 Datasheet
203Kb / 9P
   QUAD PLL CLOCK SYNTHESIZER
012005
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
[Old version datasheet]   Programmable 2-PLL Clock Synthesizer
logo
Integrated Circuit Syst...
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
MK1412 ICST-MK1412 Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com