Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2703BSITR Datasheet(PDF) 6 Page - Integrated Device Technology

Part # MK2703BSITR
Description  PLL AUDIO CLOCK SYNTHESIZER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MK2703BSITR Datasheet(HTML) 6 Page - Integrated Device Technology

  MK2703BSITR Datasheet HTML 1Page - Integrated Device Technology MK2703BSITR Datasheet HTML 2Page - Integrated Device Technology MK2703BSITR Datasheet HTML 3Page - Integrated Device Technology MK2703BSITR Datasheet HTML 4Page - Integrated Device Technology MK2703BSITR Datasheet HTML 5Page - Integrated Device Technology MK2703BSITR Datasheet HTML 6Page - Integrated Device Technology MK2703BSITR Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MK2703B
PLL AUDIO CLOCK SYNTHESIZER
CLOCK SYNTHESIZER
IDT™ / ICS™ PLL AUDIO CLOCK SYNTHESIZER
6
MK2703B
REV D 042606
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts that are ordered with a “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no
responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No
other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications
such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS
does not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
MK2703BS
see page 5
Tubes
8-pin SOIC
0 to +70
° C
MK2703BSTR
Tape and Reel
8-pin SOIC
0 to +70
° C
MK2703BSI
Tubes
8-pin SOIC
-40 to +85
° C
MK2703BSITR
Tape and Reel
8-pin SOIC
-40 to +85
° C
MK2703BSLF
Tubes
8-pin SOIC
0 to +70
° C
MK2703BSLFTR
Tape and Reel
8-pin SOIC
0 to +70
° C
MK2703BSILF
Tubes
8-pin SOIC
-40 to +85
° C
MK2703BSILFTR
Tape and Reel
8-pin SOIC
-40 to +85
° C
INDEX
AREA
1 2
8
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
C
L
H
h x 45
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
MinMax
MinMax
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.33
0.51
.013
.020
C
0.19
0.25
.0075
.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.25
0.50
.010
.020
L
0.40
1.27
.016
.050
α
0
°
8
°
0
°
8
°


Similar Part No. - MK2703BSITR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2703BSITR RENESAS-MK2703BSITR Datasheet
354Kb / 8P
   PLL AUDIO CLOCK SYNTHESIZER
042606
More results

Similar Description - MK2703BSITR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2704 ICST-MK2704 Datasheet
63Kb / 4P
   PLL Audio Clock Synthesizer
logo
Integrated Device Techn...
MK2703 IDT-MK2703 Datasheet
187Kb / 7P
   PLL AUDIO CLOCK SYNTHESIZER
logo
Integrated Circuit Syst...
MK2703 ICST-MK2703 Datasheet
63Kb / 4P
   PLL Audio Clock Synthesizer
logo
Renesas Technology Corp
MK2704 RENESAS-MK2704 Datasheet
333Kb / 7P
   PLL AUDIO CLOCK SYNTHESIZER
051310
MK2703 RENESAS-MK2703 Datasheet
348Kb / 8P
   PLL AUDIO CLOCK SYNTHESIZER
051310
MK2703B RENESAS-MK2703B Datasheet
354Kb / 8P
   PLL AUDIO CLOCK SYNTHESIZER
042606
ICS348-22 RENESAS-ICS348-22 Datasheet
203Kb / 9P
   QUAD PLL CLOCK SYNTHESIZER
012005
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
[Old version datasheet]   Programmable 2-PLL Clock Synthesizer
logo
Integrated Circuit Syst...
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
MK1412 ICST-MK1412 Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com