Electronic Components Datasheet Search |
|
GS71108AJ-7I Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
GS71108AJ-7I Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 14 page Rev: 1.04a 10/2002 1/14 © 2001, Giga Semiconductor, Inc. Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. GS71108ATP/J/SJ/U 128K x 8 1Mb Asynchronous SRAM 7, 8, 10, 12 ns 3.3 V VDD Center VDD and VSS SOJ, TSOP, FP-BGA Commercial Temp Industrial Temp Features • Fast access time: 7, 8, 10, 12 ns • CMOS low power operation: 140/120/95/80 mA at minimum cycle time • Single 3.3 V power supply • All inputs and outputs are TTL-compatible • Fully static operation • Industrial Temperature Option: –40° to 85°C • Package line up J: 400 mil, 32-pin SOJ package TP: 400 mil, 32-pin TSOP Type II package SJ: 300 mil, 32-pin SOJ package U: 6 mm x 8 mm Fine Pitch Ball Grid Array package Description The GS71108A is a high speed CMOS Static RAM organized as 131,072 words by 8 bits. Static design eliminates the need for external clocks or timing strobes. The GS operates on a single 3.3 V power supply and all inputs and outputs are TTL- compatible. The GS71108A is available in a 6 mm x 8 mm Fine Pitch BGA package, as well as in 300 mil and 400 mil SOJ and 400 mil TSOP Type-II packages. Pin Descriptions SOJ & TSOP-II 128K x 8-Pin Configuration Packages J, TP, and SJ Fine Pitch BGA 128K x 8-Bump Configuration Package U 6 mm x 8 mm, 0.75 mm Bump Pitch Top View Symbol Description A0–A16 Address input DQ1–DQ8 Data input/output CE Chip enable input WE Write enable input OE Output enable input VDD +3.3 V power supply VSS Ground NC No connect 1 234 56 ANC OE A2 A6 A7 NC BDQ1 NC A1 A5 CE DQ8 CDQ2 NC A0 A4 NC DQ7 D VSS NC NC A3 NC VDD E VDD NC NC NC NC VSS FDQ3 NC A14 A11 DQ5 DQ6 GDQ4 NC A15 A12 WE A8 HNC A10 A16 A13 A9 NC 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 A3 A2 A1 A0 CE DQ1 DQ2 VDD VSS DQ3 DQ4 WE A16 A15 A14 A13 A4 A5 A6 A7 OE DQ8 DQ7 VSS VDD DQ6 DQ5 A8 A9 A10 A11 A12 32-pin 400 mil SOJ 300 mil SOJ & & 400 mil TSOP II |
Similar Part No. - GS71108AJ-7I |
|
Similar Description - GS71108AJ-7I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |