Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2305NZ-1HDCG Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 2305NZ-1HDCG
Description  FIVE OUTPUT 3.3V CLOCK BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

2305NZ-1HDCG Datasheet(HTML) 6 Page - Integrated Device Technology

  2305NZ-1HDCG Datasheet HTML 1Page - Integrated Device Technology 2305NZ-1HDCG Datasheet HTML 2Page - Integrated Device Technology 2305NZ-1HDCG Datasheet HTML 3Page - Integrated Device Technology 2305NZ-1HDCG Datasheet HTML 4Page - Integrated Device Technology 2305NZ-1HDCG Datasheet HTML 5Page - Integrated Device Technology 2305NZ-1HDCG Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2305NZ
FIVE OUTPUT 3.3V CLOCK BUFFER
ORDERING INFORMATION
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
www.idt.com/go/support
San Jose, CA 95138
fax: 408-284-2775
www.idt.com/go/sales
Part / Order Number
Shipping Packaging
Package
Temperature
2305NZ-1HDCG
Tubes
8-pin SOIC
0 to +70°
2305NZ-1HDCG8
Tape and Reel
8-pin SOIC
0 to +70°
2305NZ-1HDCGI
Tubes
8-pin SOIC
-40 to +85°
2305NZ-1HDCGI8
Tape and Reel
8-pin SOIC
-40 to +85°
"G" after the two-letter package code denotes Pb-free configuration, RoHS compliant


Similar Part No. - 2305NZ-1HDCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
2305NZ-1HDCG IDT-2305NZ-1HDCG Datasheet
120Kb / 5P
   FIVE OUTPUT 3.3V CLOCK BUFFER
2305NZ-1HDCG IDT-2305NZ-1HDCG Datasheet
112Kb / 6P
   FIVE OUTPUT 3.3V CLOCK BUFFER
logo
Renesas Technology Corp
2305NZ-1HDCG RENESAS-2305NZ-1HDCG Datasheet
279Kb / 7P
   FIVE OUTPUT 3.3V CLOCK BUFFER
FEB. 2017
logo
Integrated Device Techn...
2305NZ-1HDCG8 IDT-2305NZ-1HDCG8 Datasheet
112Kb / 6P
   FIVE OUTPUT 3.3V CLOCK BUFFER
logo
Renesas Technology Corp
2305NZ-1HDCG8 RENESAS-2305NZ-1HDCG8 Datasheet
279Kb / 7P
   FIVE OUTPUT 3.3V CLOCK BUFFER
FEB. 2017
More results

Similar Description - 2305NZ-1HDCG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT2305NZ RENESAS-IDT2305NZ Datasheet
279Kb / 7P
   FIVE OUTPUT 3.3V CLOCK BUFFER
FEB. 2017
logo
Integrated Device Techn...
IDT2305NZ IDT-IDT2305NZ Datasheet
120Kb / 5P
   FIVE OUTPUT 3.3V CLOCK BUFFER
2305NZ-1HDCG IDT-2305NZ-1HDCG Datasheet
120Kb / 5P
   FIVE OUTPUT 3.3V CLOCK BUFFER
2305NZ IDT-2305NZ_17 Datasheet
112Kb / 6P
   FIVE OUTPUT 3.3V CLOCK BUFFER
logo
Texas Instruments
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
[Old version datasheet]   Five/Ten Output Clock Generator/Buffer
logo
Integrated Device Techn...
IDT2309NZ IDT-IDT2309NZ_10 Datasheet
126Kb / 5P
   NINE OUTPUT 3.3V CLOCK BUFFER
IDT2309NZ IDT-IDT2309NZ Datasheet
47Kb / 5P
   NINE OUTPUT 3.3V CLOCK BUFFER
logo
Renesas Technology Corp
IDT2309NZ RENESAS-IDT2309NZ Datasheet
292Kb / 6P
   NINE OUTPUT 3.3V CLOCK BUFFER
MAY 2010
logo
Pericom Semiconductor C...
PI6C18551WE PERICOM-PI6C18551WE Datasheet
567Kb / 6P
   3.3V/5V, 160 MHz, 4 output, CMOS Clock Buffer
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com