Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ-2GE0R00X Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ERJ-2GE0R00X
Description  Voltage Variable RF Attenuator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ERJ-2GE0R00X Datasheet(HTML) 3 Page - Integrated Device Technology

  ERJ-2GE0R00X Datasheet HTML 1Page - Integrated Device Technology ERJ-2GE0R00X Datasheet HTML 2Page - Integrated Device Technology ERJ-2GE0R00X Datasheet HTML 3Page - Integrated Device Technology ERJ-2GE0R00X Datasheet HTML 4Page - Integrated Device Technology ERJ-2GE0R00X Datasheet HTML 5Page - Integrated Device Technology ERJ-2GE0R00X Datasheet HTML 6Page - Integrated Device Technology ERJ-2GE0R00X Datasheet HTML 7Page - Integrated Device Technology ERJ-2GE0R00X Datasheet HTML 8Page - Integrated Device Technology ERJ-2GE0R00X Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
F2258
Rev 1 01/20/2017
3
Voltage Variable RF Attenuator
F2258 RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
3.15
5.25
V
Control Voltage
VCTRL
VDD = 3.90 V to 5.25 V
0
3.6
V
VDD = 3.15 V to 3.90 V
0
VDD-0.3
Operating Temperature Range
TCASE
Exposed Paddle
-40
+105
°C
Frequency Range
FRF
50
6000
MHz
RF Operating Power
PMAX, CW
Power can be applied
to RF1 or RF2
See
Figure 1
dBm
RF1 Port Impedance
ZRF1
Single Ended
50
Ω
RF2 Port Impedance
ZRF2
Single Ended
50
Ω
Figure 1 - MAXIMUM RF INPUT POWER VS. RF FREQUENCY


Similar Part No. - ERJ-2GE0R00X

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ERJ-2GE0R00X AD-ERJ-2GE0R00X Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
Renesas Technology Corp
ERJ-2GE0R00X RENESAS-ERJ-2GE0R00X Datasheet
5Mb / 25P
   High Linearity Broadband SP2T 5MHz to 10GHz
logo
Integrated Device Techn...
ERJ-2GE0R00X IDT-ERJ-2GE0R00X Datasheet
1Mb / 28P
   DPD Demodulator for PA Linearization
logo
Renesas Technology Corp
ERJ-2GE0R00X RENESAS-ERJ-2GE0R00X Datasheet
1Mb / 21P
   IDTF1653 RECOMMENDED OPERATION CONDITIONS
RevO, April 2015
logo
Texas Instruments
ERJ-2GE0R00X TI-ERJ-2GE0R00X Datasheet
853Kb / 42P
[Old version datasheet]   Tiva??C Series TM4C1294 Connected LaunchPad Evaluation Kit
More results

Similar Description - ERJ-2GE0R00X

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF2255NLGK IDT-IDTF2255NLGK_18 Datasheet
2Mb / 26P
   Voltage Variable RF Attenuator
F2250 IDT-F2250 Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
F2250NLGK IDT-F2250NLGK Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
logo
Renesas Technology Corp
IDTF2258NLGK RENESAS-IDTF2258NLGK Datasheet
2Mb / 25P
   Voltage Variable RF Attenuator
logo
Integrated Device Techn...
IDTF2258NLGK IDT-IDTF2258NLGK Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
IDTF2255NLGK IDT-IDTF2255NLGK Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
   Voltage Variable RF Attenuator 50MHz to 6000MHz
F2255 RENESAS-F2255 Datasheet
2Mb / 27P
   Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
logo
Merrimac Industries, In...
VVA-MCM-1.9G-A MERRIMAC-VVA-MCM-1.9G-A Datasheet
124Kb / 2P
   VOLTAGE VARIABLE ATTENUATOR
logo
Mini-Circuits
EVA-1500 MINI-EVA-1500 Datasheet
402Kb / 3P
   Voltage Variable Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com