Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS853S54I Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS853S54I
Description  Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S54I Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS853S54I_17 Datasheet HTML 1Page - Integrated Device Technology ICS853S54I_17 Datasheet HTML 2Page - Integrated Device Technology ICS853S54I_17 Datasheet HTML 3Page - Integrated Device Technology ICS853S54I_17 Datasheet HTML 4Page - Integrated Device Technology ICS853S54I_17 Datasheet HTML 5Page - Integrated Device Technology ICS853S54I_17 Datasheet HTML 6Page - Integrated Device Technology ICS853S54I_17 Datasheet HTML 7Page - Integrated Device Technology ICS853S54I_17 Datasheet HTML 8Page - Integrated Device Technology ICS853S54I_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ICS853S54AKI May 27, 2017
2
©2017 Integrated Device Technology, Inc.
ICS853S54I Data Sheet
DUAL 2:1, 1:2 DIFFERENTIAL-TO-LVPECL/ECL MULTIPLEXER
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Tables
Table 3A. Control Input Function Table, (Bank A)
Table 3B. Control Input Function Table, (Bank B)
Number
Name
Type
Description
1, 2
QB0, nQB0
Output
Differential output pair. LVPECL/ECL interface levels.
3, 4
QB1, nQB1
Output
Differential output pair. LVPECL/ECL interface levels.
5
PCLKB
Input
Pulldown
Non-inverting LVPECL/ECL differential clock input.
6
nPCLKB
Input
Pullup/
Pulldown
Inverting differential LVPECL clock input. VCC/2 default when left floating.
7
CLK_SELB
Input
Pulldown
Clock select pin for QBx outputs. When HIGH, selects QB1/nQB1 outputs.
When LOW, selects QB0/nQB0 outputs. LVCMOS/LVTTL interface levels.
8VEE
Power
Negative supply pin.
9
nPCLKA1
Input
Pullup/
Pulldown
Inverting differential LVPECL clock input. VCC/2 default when left floating.
10
PCLKA1
Input
Pulldown
Non-inverting LVPECL/ECL differential clock input.
11
nPCLKA0
Input
Pullup/
Pulldown
Inverting differential LVPECL clock input. VCC/2 default when left floating.
12
PCLKA0
Input
Pulldown
Non-inverting LVPECL/ECL differential clock input.
13
VCC
Power
Positive supply pin.
14
CLK_SELA
Input
Pulldown
Clock select pin for QA output. When HIGH, selects QA output. When LOW,
selects nQA output. LVCMOS/LVTTL interface levels.
15, 16
nQA, QA
Output
Differential output pair. LVPECL/ECL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2
pF
RPULLDOWN
Input Pullup Resistor
37.5
k
RVCC/2
RPullup/Pulldown Resistor
37.5
k
Bank A
Control Input
Outputs
CLK_SELA
QA, nQA
0 (default)
Selects PCLKA0, nPCLKA0
1
Selects PCLKA1, nPCLKA1
Bank B
Control Input
Outputs
CLK_SELB
QB0, nQB0
QB1, nQB1
0 (default)
Follows PCLKB input
Logic Low
1
Logic Low
Follows PCLKB input


Similar Part No. - ICS853S54I_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S54I IDT-ICS853S54I Datasheet
478Kb / 21P
   Maximum output frequency
logo
Renesas Technology Corp
ICS853S54I RENESAS-ICS853S54I Datasheet
519Kb / 22P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
More results

Similar Description - ICS853S54I_17

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
   DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01 Datasheet
334Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
853S54I-01 IDT-853S54I-01_17 Datasheet
324Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
logo
Renesas Technology Corp
ICS853S54I RENESAS-ICS853S54I Datasheet
519Kb / 22P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
85356 RENESAS-85356 Datasheet
807Kb / 16P
   2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
logo
Integrated Circuit Syst...
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
   2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Renesas Technology Corp
853S01 RENESAS-853S01 Datasheet
683Kb / 24P
   2:1 Differential-to-LVPECL Multiplexer
Revision B, March 4, 2016
logo
Integrated Circuit Syst...
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
   2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com