Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

851S201CKILF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 851S201CKILF
Description  2:1 Differential-to-HCSL Multiplexer with Low Input Level Alarm
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

851S201CKILF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 851S201CKILF Datasheet HTML 6Page - Integrated Device Technology 851S201CKILF Datasheet HTML 7Page - Integrated Device Technology 851S201CKILF Datasheet HTML 8Page - Integrated Device Technology 851S201CKILF Datasheet HTML 9Page - Integrated Device Technology 851S201CKILF Datasheet HTML 10Page - Integrated Device Technology 851S201CKILF Datasheet HTML 11Page - Integrated Device Technology 851S201CKILF Datasheet HTML 12Page - Integrated Device Technology 851S201CKILF Datasheet HTML 13Page - Integrated Device Technology 851S201CKILF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ICS851S201CKI MAY 27, 2017
10
©2017 Integrated Device Technology, Inc.
ICS851S201I Data Sheet
2:1 DIFFERENTIAL-TO-HCSL MULTIPLEXER
Recommended Termination
Figure 4A
is the recommended source termination for applications
where the driver and receiver will be on a separate PCBs. This
termination is the standard for PCI Express™ and HCSL output
types. All traces should be 50Ω impedance single-ended or 100Ω
differential.
Figure 4A. Recommended Source Termination (where the driver and receiver will be on separate PCBs)
Figure 4B
is the recommended termination for applications where a
point-to-point connection can be used. A point-to-point connection
contains both the driver and the receiver on the same PCB. With a
matched termination at the receiver, transmission-line reflections will
be minimized. In addition, a series resistor (Rs) at the driver offers
flexibility and can help dampen unwanted reflections. The optional
resistor can range from 0Ω to 33Ω. All traces should be 50Ω
impedance single-ended or 100Ω differential.
Figure 4B. Recommended Termination (where a point-to-point connection can be used)


Similar Part No. - 851S201CKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
851S201CKILF IDT-851S201CKILF Datasheet
326Kb / 16P
   2:2 Differential-to-HCSL Multiplexer with Low Input Level Alarm
logo
Renesas Technology Corp
851S201CKILF RENESAS-851S201CKILF Datasheet
657Kb / 17P
   2:2 Differential-to-HCSL Multiplexer with Low Input Level Alarm
2019
logo
Integrated Device Techn...
851S201CKILFT IDT-851S201CKILFT Datasheet
326Kb / 16P
   2:2 Differential-to-HCSL Multiplexer with Low Input Level Alarm
logo
Renesas Technology Corp
851S201CKILFT RENESAS-851S201CKILFT Datasheet
657Kb / 17P
   2:2 Differential-to-HCSL Multiplexer with Low Input Level Alarm
2019
More results

Similar Description - 851S201CKILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS851S201I RENESAS-ICS851S201I Datasheet
657Kb / 17P
   2:2 Differential-to-HCSL Multiplexer with Low Input Level Alarm
2019
logo
Integrated Device Techn...
ICS851S201I IDT-ICS851S201I_18 Datasheet
326Kb / 16P
   2:2 Differential-to-HCSL Multiplexer with Low Input Level Alarm
85102 IDT-85102 Datasheet
244Kb / 17P
   Low Skew, 1-to-2, Differential/LVCMOS HCSL Fanout Buffer
logo
Renesas Technology Corp
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
   2:1 Differential-to-LVDS Multiplexer
September 29, 2022
logo
Integrated Device Techn...
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
   2:1 Differential-to-LVDS Multiplexer
logo
Integrated Circuit Syst...
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
   2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
logo
Integrated Device Techn...
853S01 IDT-853S01 Datasheet
435Kb / 23P
   2:1 Differential-to-LVPECL Multiplexer
logo
Renesas Technology Corp
853S01 RENESAS-853S01 Datasheet
683Kb / 24P
   2:1 Differential-to-LVPECL Multiplexer
Revision B, March 4, 2016
logo
ON Semiconductor
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
logo
Renesas Technology Corp
ICS854S54I-01 RENESAS-ICS854S54I-01 Datasheet
419Kb / 18P
   Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
July 17, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com