Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS770KCB-150U-PSF-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ACS770KCB-150U-PSF-T
Description  4.1 關s output rise time in response to step input current
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS770KCB-150U-PSF-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ACS770KCB-150U-PSF-T Datasheet HTML 3Page - Allegro MicroSystems ACS770KCB-150U-PSF-T Datasheet HTML 4Page - Allegro MicroSystems ACS770KCB-150U-PSF-T Datasheet HTML 5Page - Allegro MicroSystems ACS770KCB-150U-PSF-T Datasheet HTML 6Page - Allegro MicroSystems ACS770KCB-150U-PSF-T Datasheet HTML 7Page - Allegro MicroSystems ACS770KCB-150U-PSF-T Datasheet HTML 8Page - Allegro MicroSystems ACS770KCB-150U-PSF-T Datasheet HTML 9Page - Allegro MicroSystems ACS770KCB-150U-PSF-T Datasheet HTML 10Page - Allegro MicroSystems ACS770KCB-150U-PSF-T Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Thermally Enhanced, Fully Integrated, Hall-Effect-Based
High-Precision Linear Current Sensor IC with 100 µΩ Current Conductor
ACS770xCB
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
X050U PERFORMANCE CHARACTERISTICS [1]: TOP = –40°C to 150°C, CBYP = 0.1 μF, VCC= 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Primary Sampled Current
IP
0
50
A
Sensitivity [2]
SensTA
Measured using full-scale IP, TA = 25°C
78.08
80
81.92
mV/A
Sens(TOP)HT Measured using full-scale IP, TOP = 25°C to 150°C
78.08
80
81.92
mV/A
Sens(TOP)LT Measured using full-scale IP, TOP = –40°C to 25°C
77.2
80
82.8
mV/A
Sensitivity Drift Over Lifetime [3] ΔSensLIFE
TOP = –40°C to 150°C, shift after AEC-Q100 grade 0
qualification testing
–1.44
±0.48
1.44
mV/A
Noise [4]
VNOISE
TA= 25°C, 10 nF on VIOUT pin to GND
20
mV
Nonlinearity
ELIN
Measured using full-scale and half-scale IP
–1
1
%
Electrical Offset Voltage [5][6]
VOE(TA)
IP = 0 A, TA = 25°C
–10
±4
10
mV
VOE(TOP)HT IP = 0 A, TOP = 25°C to 150°C
–10
±6
10
mV
VOE(TOP)LT IP = 0 A, TOP = –40°C to 25°C
–20
±6
20
mV
Electrical Offset Voltage Drift
Over Lifetime [3]
∆VOE(LIFE)
IP = 0 A, TOP = –40°C to 150°C, shift after AEC-Q100 grade 0
qualification testing
–5
±2
5
mV
Magnetic Offset Error
IERROM
IP = 0 A, TA = 25°C, after excursion of 50 A
120
300
mA
Total Output Error [7]
ETOT(TA)
Measured using full-scale IP, TA = 25°C
–2.4
±0.5
2.4
%
ETOT(HT)
Measured using full-scale IP, TOP = 25°C to 150°C
–2.4
±1.5
2.4
%
ETOT(LT)
Measured using full-scale IP, TOP = –40°C to 25°C
–3.5
±2
3.5
%
Total Output Error Drift Over
Lifetime [3]
ΔETOT(LIFE)
TOP = –40°C to 150°C, shift after AEC-Q100 grade 0
qualification testing
–1.9
±0.6
1.9
%
1
See Characteristic Performance Data page for parameter distributions over temperature range.
2
This parameter may drift a maximum of ΔSensLIFE over lifetime.
3
Based on characterization data obtained during standardized stress test for Qualification of Integrated Circuits, including Package Hysteresis. Cannot be guaranteed. Drift
is a function of customer application conditions. Contact Allegro MicroSystems for further information.
4
±3 sigma noise voltage.
5
Drift is referred to ideal VIOUT(QBI) = 0.5 V.
6
This parameter may drift a maximum of ΔVOE(LIFE) over lifetime.
7
This parameter may drift a maximum of ΔETOT(LIFE) over lifetime.


Similar Part No. - ACS770KCB-150U-PSF-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS770 ALLEGRO-ACS770 Datasheet
1Mb / 29P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based High Precision Linear Current Sensor IC with 100 關廓 Current Conductor
More results

Similar Description - ACS770KCB-150U-PSF-T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGB1010603NRHF LITTELFUSE-PGB1010603NRHF Datasheet
466Kb / 4P
   Low leakage current, Fast response time
logo
Maxim Integrated Produc...
AN1782 MAXIM-AN1782 Datasheet
48Kb / 5P
   Small Footprint, 10us Response Time, 10mV Output Ripple, 1MHz, 6A Step-Down Regulator
Nov 11, 2002
logo
Everlight Electronics C...
EAITRCA8 EVERLIGHT-EAITRCA8 Datasheet
376Kb / 9P
   Fast response time
EAITRCA9 EVERLIGHT-EAITRCA9 Datasheet
377Kb / 9P
   Fast response time
EAITRCA7 EVERLIGHT-EAITRCA7 Datasheet
343Kb / 8P
   Fast response time
logo
Maxim Integrated Produc...
MAX668 MAXIM-MAX668 Datasheet
326Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
Rev 0a; 8/98
MAX668 MAXIM-MAX668_V01 Datasheet
1Mb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
2016
logo
Everlight Electronics C...
EAPDST6048A0 EVERLIGHT-EAPDST6048A0 Datasheet
389Kb / 9P
   Fast response time
logo
List of Unclassifed Man...
10K3A1A ETC2-10K3A1A Datasheet
57Kb / 2P
   Fast time response (1 second typical in
logo
Everlight Electronics C...
EAITRAA0 EVERLIGHT-EAITRAA0 Datasheet
447Kb / 7P
   Fast response time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com