Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS781LLRTR-100B-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ACS781LLRTR-100B-T
Description  Core-less, micro-sized, 100 A continuous current package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS781LLRTR-100B-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  ACS781LLRTR-100B-T Datasheet HTML 1Page - Allegro MicroSystems ACS781LLRTR-100B-T Datasheet HTML 2Page - Allegro MicroSystems ACS781LLRTR-100B-T Datasheet HTML 3Page - Allegro MicroSystems ACS781LLRTR-100B-T Datasheet HTML 4Page - Allegro MicroSystems ACS781LLRTR-100B-T Datasheet HTML 5Page - Allegro MicroSystems ACS781LLRTR-100B-T Datasheet HTML 6Page - Allegro MicroSystems ACS781LLRTR-100B-T Datasheet HTML 7Page - Allegro MicroSystems ACS781LLRTR-100B-T Datasheet HTML 8Page - Allegro MicroSystems ACS781LLRTR-100B-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
ACS781xLR
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
3
3.3
3.6
V
Supply Current
ICC
Output open
11
15
mA
Power-On Time
tPO
TA = 25°C, CBYPASS = Open, CL = 1 nF
180
µs
Temperature Compensation
Time
tTC
CBYPASS = Open, CL= 1 nF
50
µs
Power-On Reset Voltage
VPORH
TA = 25°C, VCC rising
2.85
V
VPORL
TA = 25°C, VCC falling
2.6
V
Power-On Reset Hysteresis
VPORHYST
250
mV
Power-On Reset Release Time
tPORR
TA = 25°C, VCC rising
150
µs
Power-On Reset Disable Time
tPORD
TA = 25°C, CL = 1 nF
14
µs
Supply Zener Clamp Voltage
Vz
TA = 25°C, ICC = 30 mA
6.5
7.5
V
Internal Bandwidth
BWi
Small signal –3 dB, CL = 1 nF, TA = 25°C
120
kHz
Chopping Frequency
fC
TA = 25°C
500
kHz
Oscillator Frequency
fOSC
TA = 25°C
8
MHz
OUTPUT CHARACTERISTICS
Propagation Delay Time
tpd
TA = 25°C, CL = 1 nF
2.2
µs
Rise Time
tr
TA = 25°C, CL = 1 nF
3
µs
Response Time
tRESPONSE
TA = 25°C, CL = 1 nF
3.6
µs
Output Saturation Voltage
VSAT(HIGH)
TA = 25°C, RLOAD = 10 kΩ to GND
3.1
V
VSAT(LOW)
TA = 25°C, RLOAD = 10 kΩ to VCC
200
mV
DC Output Resistance
ROUT
RL = 4.7 kΩ from VOUT to GND, VOUT = VCC/2
<1
Ω
Output Load Resistance
RL(PULLUP)
VOUT to VCC
4.7
RL(PULLDWN)
VOUT to GND
4.7
Output Load Capacitance
CL
VOUT to GND
1
10
nF
Primary Conductor Resistance
RPRIMARY
TA = 25°C
180
µΩ
Quiescent Output Voltage
VOUT(QBI)
IP = 0 A, TA = 25°C
VCC/2
V
VOUT(QU)
Unidirectional variant, IP = 0 A, TA = 25°C
VCC× 0.1
V
Ratiometry Quiescent Output
Voltage Error
RatERRVOUT(Q) Through supply voltage range (VCC = 3.3 V)
0
%
Ratiometry Sensitivity Error
RatERRSens
Through supply voltage range (VCC = 3.3 V)
< ±0.5
%
Common-Mode Magnetic Field
Rejection
CMFR
Magnetic field perpendicular to Hall plates
–35
dB
COMMON OPERATING CHARACTERISTICS valid at TOP = –40°C to 150°C and VCC = 3.3 V, unless otherwise specified


Similar Part No. - ACS781LLRTR-100B-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS781 ALLEGRO-ACS781 Datasheet
1Mb / 22P
   High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
More results

Similar Description - ACS781LLRTR-100B-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS780XLR ALLEGRO-ACS780XLR Datasheet
1Mb / 24P
   Core-less, micro-sized, 100 A continuous current package
logo
WAGO Kontakttechnik Gmb...
855-4001-100-001 WAGO-855-4001-100-001 Datasheet
214Kb / 5P
   Split-core current transformer; Primary rated current: 100 A
855-3001-100-003 WAGO-855-3001-100-003 Datasheet
200Kb / 5P
   Split-core current transformer; Primary rated current: 100 A
logo
STANLEY ELECTRIC CO.,LT...
VFSY1112GS-3CY2D-TR STANLEY-VFSY1112GS-3CY2D-TR Datasheet
747Kb / 24P
   Small-sized, high-brightness package
logo
Shenzhen Sunnyway Batte...
SWT121200 SUNNYWAY-SWT121200 Datasheet
577Kb / 1P
   Initial Charging Current less than 35 A
logo
STANLEY ELECTRIC CO.,LT...
VFSR1112GS-3CX2A-TR STANLEY-VFSR1112GS-3CX2A-TR Datasheet
711Kb / 24P
   Small-sized, high-brightness package
logo
Tyco Electronics
1308028-2 MACOM-1308028-2 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
logo
PACELEADER INDUSTRIAL
SS0335BCN-181 PACELEADER-SS0335BCN-181 Datasheet
1Mb / 6P
   Continuous Forward Current
SS0335RCN-151 PACELEADER-SS0335RCN-151 Datasheet
165Kb / 7P
   Continuous Forward Current
SS0335YCN-041 PACELEADER-SS0335YCN-041 Datasheet
190Kb / 6P
   Continuous Forward Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com