Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS770KCB-150B-PSF-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ACS770KCB-150B-PSF-T
Description  4.1 關s output rise time in response to step input current
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS770KCB-150B-PSF-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  ACS770KCB-150B-PSF-T Datasheet HTML 1Page - Allegro MicroSystems ACS770KCB-150B-PSF-T Datasheet HTML 2Page - Allegro MicroSystems ACS770KCB-150B-PSF-T Datasheet HTML 3Page - Allegro MicroSystems ACS770KCB-150B-PSF-T Datasheet HTML 4Page - Allegro MicroSystems ACS770KCB-150B-PSF-T Datasheet HTML 5Page - Allegro MicroSystems ACS770KCB-150B-PSF-T Datasheet HTML 6Page - Allegro MicroSystems ACS770KCB-150B-PSF-T Datasheet HTML 7Page - Allegro MicroSystems ACS770KCB-150B-PSF-T Datasheet HTML 8Page - Allegro MicroSystems ACS770KCB-150B-PSF-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Thermally Enhanced, Fully Integrated, Hall-Effect-Based
High-Precision Linear Current Sensor IC with 100 µΩ Current Conductor
ACS770xCB
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ISOLATION CHARACTERISTICS
Characteristic
Symbol
Notes
Rating
Unit
Dielectric Strength Test Voltage [1]
VISO
Agency type-tested for 60 seconds per
UL standard 60950-1, 2nd Edition
4800
VAC
Working Voltage for Basic Isolation
VWFSI
For basic (single) isolation per UL standard 60950-1, 2nd
Edition
990
VDC or Vpk
700
Vrms
Working Voltage for Reinforced Isolation
VWFRI
For reinforced (double) isolation per UL standard 60950-
1, 2nd Edition
636
VDC or Vpk
450
Vrms
1
60-second testing is only done during the UL certification process. In production, Allegro conducts 1-second isolation testing according to UL 60950-1, 2nd Edition.
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Unit
Forward Supply Voltage
VCC
6
V
Reverse Supply Voltage
VRCC
–0.5
V
Forward Output Voltage
VIOUT
25
V
Reverse Output Voltage
VRIOUT
–0.5
V
Output Source Current
IOUT(Source)
VIOUT to GND
3
mA
Output Sink Current
IOUT(Sink)
Minimum pull-up resistor of 500 Ω, from VCC to VIOUT
10
mA
Nominal Operating Ambient Temperature
TOP
Range E
–40 to 85
°C
Range K
–40 to 125
°C
Range L
–40 to 150
°C
Maximum Junction
TJ(max)
165
°C
Storage Temperature
Tstg
–65 to 165
°C
SPECIFICATIONS
THERMAL CHARACTERISTICS: May require derating at maximum conditions
Characteristic
Symbol
Test Conditions [2]
Value
Unit
Package Thermal Resistance
RθJA
Mounted on the Allegro evaluation board with 2800 mm2
(1400 mm2 on component side and 1400 mm2 on
opposite side) of 4 oz. copper connected to the primary
leadframe and with thermal vias connecting the copper
layers. Performance is based on current flowing through
the primary leadframe and includes the power consumed
by the PCB.
7
°C/W
2
Additional thermal information available on the Allegro website.
TYPICAL OVERCURRENT CAPABILITIES [3][4]
Characteristic
Symbol
Notes
Rating
Unit
Overcurrent
IPOC
TA = 25°C, 1 second duration, 1% duty cycle
1200
A
TA = 85°C, 1 second duration, 1% duty cycle
900
A
TA = 150°C, 1 second duration, 1% duty cycle
600
A
3
Test was done with Allegro evaluation board. The maximum allowed current is limited by TJ(max) only.
4
For more overcurrent profiles, please see FAQ on the Allegro website, www.allegromicro.com.


Similar Part No. - ACS770KCB-150B-PSF-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS770 ALLEGRO-ACS770 Datasheet
1Mb / 29P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based High Precision Linear Current Sensor IC with 100 關廓 Current Conductor
More results

Similar Description - ACS770KCB-150B-PSF-T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGB1010603NRHF LITTELFUSE-PGB1010603NRHF Datasheet
466Kb / 4P
   Low leakage current, Fast response time
logo
Maxim Integrated Produc...
AN1782 MAXIM-AN1782 Datasheet
48Kb / 5P
   Small Footprint, 10us Response Time, 10mV Output Ripple, 1MHz, 6A Step-Down Regulator
Nov 11, 2002
logo
Everlight Electronics C...
EAITRCA8 EVERLIGHT-EAITRCA8 Datasheet
376Kb / 9P
   Fast response time
EAITRCA9 EVERLIGHT-EAITRCA9 Datasheet
377Kb / 9P
   Fast response time
EAITRCA7 EVERLIGHT-EAITRCA7 Datasheet
343Kb / 8P
   Fast response time
logo
Maxim Integrated Produc...
MAX668 MAXIM-MAX668 Datasheet
326Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
Rev 0a; 8/98
MAX668 MAXIM-MAX668_V01 Datasheet
1Mb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
2016
logo
Everlight Electronics C...
EAPDST6048A0 EVERLIGHT-EAPDST6048A0 Datasheet
389Kb / 9P
   Fast response time
logo
List of Unclassifed Man...
10K3A1A ETC2-10K3A1A Datasheet
57Kb / 2P
   Fast time response (1 second typical in
logo
Everlight Electronics C...
EAITRAA0 EVERLIGHT-EAITRAA0 Datasheet
447Kb / 7P
   Fast response time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com