Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMT49413GEVATR Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # AMT49413GEVATR
Description  3-Phase BLDC Controller and MOSFET Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

AMT49413GEVATR Datasheet(HTML) 4 Page - Allegro MicroSystems

  AMT49413GEVATR Datasheet HTML 1Page - Allegro MicroSystems AMT49413GEVATR Datasheet HTML 2Page - Allegro MicroSystems AMT49413GEVATR Datasheet HTML 3Page - Allegro MicroSystems AMT49413GEVATR Datasheet HTML 4Page - Allegro MicroSystems AMT49413GEVATR Datasheet HTML 5Page - Allegro MicroSystems AMT49413GEVATR Datasheet HTML 6Page - Allegro MicroSystems AMT49413GEVATR Datasheet HTML 7Page - Allegro MicroSystems AMT49413GEVATR Datasheet HTML 8Page - Allegro MicroSystems AMT49413GEVATR Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
3-Phase BLDC Controller and MOSFET Driver
AMT49413
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS: Valid at TA = 25°C, VBB = 7 to 45 V, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
SUPPLY AND REFERENCE
VBB Functional Operating Range1
VBB
Function correct, parameters not
guaranteed
5.5
50
V
VBB Quiescent Current
IBBQ
RESET = High, outputs = Low
11
14
mA
IBBS
RESET = Low, sleep mode
10
µA
V5 Quiescent Current
IV5Q
RESET = High, outputs = Low
5
mA
VREG Output Voltage
VREG
VBB ≥ 7.4 V, IREG = 0 to 15 mA
12.10
13
13.75
V
6 V < VBB < 7.4 V
IREG = 0 to 15 mA
2×VBB
–2.7
V
5.5 V < VBB < 6 V, IREG < 10 mA
9
10
V
Bootstrap Diode Forward Voltage
VfBOOT
ID = 10 mA
0.4
0.7
1.0
V
ID = 100 mA
1.5
2.2
2.8
V
Bootstrap Diode Resistance
rD
rD(100 mA)=(VfBOOT(150 mA)
VfBOOT(50mA)) /100 mA
6
10
20
Ω
Bootstrap Diode Current Limit
IDBOOT
250
500
750
mA
Top-Off Charge Pump Current Limit
ITOCPM
200
µA
High-Side Gate Drive Static Load Resistance
RGSH
250
V5 Output Voltage
V5
4.75
5
5.25
V
VBE of External Transistor QV5
VBEEXT
1
V
V5BD Base Drive Capability for QV52
I5BD
–2
mA
GATE OUTPUT DRIVE
Turn-On Rise Time
tr
CLOAD = 3300 pF, 20% to 80% points
60
ns
Turn-Off Fall Time
tf
CLOAD = 3300 pF, 80% to 20% points
40
ns
Pull-Up On Resistance
RDS(on)UP
IGHx= –150 mA
3
4
5
Ω
Pull-Down On Resistance
RDS(on)DN
IGLx=150 mA
1
1.5
2
Ω
Short-Circuit Current – Source2
ISC(source)
–500
mA
Short-Circuit Current – Sink
ISC(sink)
850
mA
GHx Output Voltage
VGHx
tw < 10 µs
Bootstrap capacitor fully charged
VCx– 0.2
V
GLx Output Voltage
VGLx
VREG–0.2
V
Turn-Off Propagation Delay
tp(off)
From Hall input change to unloaded gate
output change
300
500
700
ns
From other control input change to
unloaded gate output change
150
200
ns
Dead Time (turn-off to turn-on delay)
tDEAD
RDEAD = 5 kΩ
180
ns
RDEAD = 50 kΩ
835
960
1090
ns
RDEAD = 400 kΩ
3.3
µs
RDEAD = tied to V5
6
µs
Continued on the next page...


Similar Part No. - AMT49413GEVATR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
AMT49106 ALLEGRO-AMT49106 Datasheet
2Mb / 74P
   Automotive Three-Phase MOSFET Driver
Rev. 6 May 26, 2022
AMT49106KJPTR ALLEGRO-AMT49106KJPTR Datasheet
2Mb / 74P
   Automotive Three-Phase MOSFET Driver
Rev. 6 May 26, 2022
AMT49107 ALLEGRO-AMT49107 Datasheet
2Mb / 68P
   Automotive Three-Phase MOSFET Driver
Rev. 6 April 5, 2022
AMT49107KEVSR-3-T ALLEGRO-AMT49107KEVSR-3-T Datasheet
2Mb / 68P
   Automotive Three-Phase MOSFET Driver
Rev. 6 April 5, 2022
AMT49107KEVSR-5-T ALLEGRO-AMT49107KEVSR-5-T Datasheet
2Mb / 68P
   Automotive Three-Phase MOSFET Driver
Rev. 6 April 5, 2022
More results

Similar Description - AMT49413GEVATR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3930 ALLEGRO-A3930 Datasheet
382Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
A3930 ALLEGRO-A3930_16 Datasheet
380Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
A3930 ALLEGRO-A3930 Datasheet
449Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
logo
Infineon Technologies A...
IMD70XA INFINEON-IMD70XA Datasheet
8Mb / 155P
   BLDC Integrated Controller and Smart 3 Phase Gate Driver
Revision v1.00 2022-04-11
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com