Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT541AD Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74FCT541AD
Description  BUFFER/LINE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT541AD Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74FCT541AD Datasheet HTML 1Page - Integrated Device Technology IDT74FCT541AD Datasheet HTML 2Page - Integrated Device Technology IDT74FCT541AD Datasheet HTML 3Page - Integrated Device Technology IDT74FCT541AD Datasheet HTML 4Page - Integrated Device Technology IDT74FCT541AD Datasheet HTML 5Page - Integrated Device Technology IDT74FCT541AD Datasheet HTML 6Page - Integrated Device Technology IDT74FCT541AD Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MILITARYANDCOMMERCIAL TEMPERATURERANGES
4
IDT54/74FCT541/A/C
FASTCMOSOCTALBUFFER/LINEDRIVER
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
ICC
Quiescent Power Supply Current
VCC = Max.
0.2
1.5
mA
VIN
VHC; VIN VLC
∆ICC
Quiescent Power Supply Current
VCC = Max.
0.5
2
mA
TTL Inputs HIGH
VIN = 3.4V(3)
ICCD
Dynamic Power Supply
VCC = Max.
VIN
VHC
0.15
0.25
mA/
Current(4)
Outputs Open
VIN
VLC
MHz
OEA
= OEB = GND or
OEA = GND
One Input Toggling
50% Duty Cycle
IC
Total Power Supply Current(6)
VCC = Max.
VIN
VHC
1.7
4
mA
Outputs Open
VIN
VLC
fi = 10MHz
(FCT)
50% Duty Cycle
OEA
= OEB = GND or
VIN = 3.4V
2
5
OEA = GND
VIN = GND
One Bit Toggling
VCC = Max.
VIN
VHC
3.2
6.5(5)
Outputs Open
VIN
VLC
fi = 2.5MHz
(FCT)
50% Duty Cycle
OEA
= OEB = GND or
VIN = 3.4V
5.2
14.5(5)
OEA = GND
VIN = GND
Eight Bits Toggling
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input; (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of
∆ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2+ fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Output Frequency
Ni = Number of Outputs at fi
All currents are in milliamps and all frequencies are in megahertz.
POWER SUPPLY CHARACTERISTICS
VLC = 0.2V; VHC = VCC - 0.2V


Similar Part No. - IDT74FCT541AD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT541AD IDT-IDT74FCT541AD Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT541ADB IDT-IDT74FCT541ADB Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results

Similar Description - IDT74FCT541AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VHC541 ONSEMI-74VHC541 Datasheet
203Kb / 9P
   Octal Buffer/Line Driver
Revised May 2005
74VHCT245A ONSEMI-74VHCT245A Datasheet
240Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT244A ONSEMI-74VHCT244A Datasheet
237Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
74AC541 ONSEMI-74AC541 Datasheet
349Kb / 13P
   Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
74VHCT240A ONSEMI-74VHCT240A Datasheet
236Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
logo
Unisonic Technologies
U74LVC1G126 UTC-U74LVC1G126_15 Datasheet
205Kb / 5P
   BUS BUFFER/LINE DRIVER
logo
ON Semiconductor
74VHCT541A ONSEMI-74VHCT541A Datasheet
204Kb / 9P
   Octal Buffer/Line Driver
Revised April 2005
74VHC244 ONSEMI-74VHC244 Datasheet
205Kb / 10P
   Octal Buffer/Line Driver
Revised April 2005
MC74VHCT240A ONSEMI-MC74VHCT240A_15 Datasheet
99Kb / 6P
   Octal Bus Buffer/Line Driver
October, 2014 ??Rev. 7
MC74VHC245 ONSEMI-MC74VHC245_11 Datasheet
136Kb / 8P
   Octal Bus Buffer/Line Driver
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com