Electronic Components Datasheet Search |
|
AC0603GPX7R8BN Datasheet(PDF) 3 Page - YAGEO Corporation |
|
AC0603GPX7R8BN Datasheet(HTML) 3 Page - YAGEO Corporation |
3 / 24 page Automotive grade NP0 /X7R 6.3 V to 630 V www.yageo.com Mar. 31, 2017 V.6 Surface-Mount Ceramic Multilayer Capacitors 3 24 Product specification CONSTRUCTION The capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved metal electrodes are contained. This structure gives rise to a high capacitance per unit volume. The inner electrodes are connected to the two end terminations and finally covered with a layer of plated tin (Matte Sn). The terminations are lead- free. A cross section of the structure is shown in Fig.1. Fig. 1 Surface mounted multilayer ceramic capacitor construction TYPE L1 (mm) W (mm) T (MM) L2 / L3 (mm) L4 (mm) min. max. min. 0402 1.0 ± 0.05 0.5 ± 0.05 Refer to table 3 to 12 0.15 0.30 0.40 0603 1.6 ± 0.10 0.8 ± 0.10 0.20 0.60 0.40 0805 2.0 ± 0.20 1.25 ± 0.20 0.25 0.75 1.40 1206 3.2 ± 0.30 1.6 ± 0.20 0.25 0.75 1.40 1210 3.2 ± 0.30 2.5 ± 0.20 0.25 0.75 1.40 1812 4.5± 0.40 3.2± 0.40 0.25 0.75 2.20 Table 1 For outlines see fig. 2 DIMENSION O OU UT TL LIIN NE ES S For dimension see Table 1 Fig. 2 Surface mounted multilayer ceramic capacitor dimension O OU UT TL LIIN NE ES S For dimensions see Table 2 Fig. 3 Surface mounted multilayer ceramic capacitor dimension TYPE 0508 (4 X 0402) 0612 (4 X 0603) L (mm) 2.0 ± 0.15 3.2 ± 0.15 W (mm) 1.25 ± 0.15 1.60 ± 0.15 Tmin. (mm) 0.50 0.70 Tmax. (mm) 0.70 0.90 A (mm) 0.28 ± 0.10 0.4 ± 0.10 B (mm) 0.2 ± 0.10 0.3 ± 0.20 P (mm) 0.5 ± 0.10 0.8 ± 0.10 Table 2 For outlines see fig. 3 |
Similar Part No. - AC0603GPX7R8BN |
|
Similar Description - AC0603GPX7R8BN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |