Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9ZXL1950BKLFT Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 9ZXL1950BKLFT
Description  19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1950BKLFT Datasheet(HTML) 4 Page - Integrated Device Technology

  9ZXL1950BKLFT Datasheet HTML 1Page - Integrated Device Technology 9ZXL1950BKLFT Datasheet HTML 2Page - Integrated Device Technology 9ZXL1950BKLFT Datasheet HTML 3Page - Integrated Device Technology 9ZXL1950BKLFT Datasheet HTML 4Page - Integrated Device Technology 9ZXL1950BKLFT Datasheet HTML 5Page - Integrated Device Technology 9ZXL1950BKLFT Datasheet HTML 6Page - Integrated Device Technology 9ZXL1950BKLFT Datasheet HTML 7Page - Integrated Device Technology 9ZXL1950BKLFT Datasheet HTML 8Page - Integrated Device Technology 9ZXL1950BKLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE WITH 85OHM TERMINATIONS4
MAY 11, 2017
9ZXL1950 DATASHEET
Pin Descriptions (cont.)
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
37
DIF7
OUT
Differential true clock output
38
DIF7#
OUT
Differential Complementary clock output
39
GND
GND
Ground pin.
40
VDDIO
PWR
Power supply for differential outputs
41
DIF8
OUT
Differential true clock output
42
DIF8#
OUT
Differential Complementary clock output
43
DIF9
OUT
Differential true clock output
44
DIF9#
OUT
Differential Complementary clock output
45
VDD
PWR
Power supply, nominal 3.3V
46
GND
GND
Ground pin.
47
DIF10
OUT
Differential true clock output
48
DIF10#
OUT
Differential Complementary clock output
49
DIF11
OUT
Differential true clock output
50
DIF11#
OUT
Differential Complementary clock output
51
GND
GND
Ground pin.
52
VDDIO
PWR
Power supply for differential outputs
53
DIF12
OUT
Differential true clock output
54
DIF12#
OUT
Differential Complementary clock output
55
DIF13
OUT
Differential true clock output
56
DIF13#
OUT
Differential Complementary clock output
57
VDDIO
PWR
Power supply for differential outputs
58
GND
GND
Ground pin.
59
DIF14
OUT
Differential true clock output
60
DIF14#
OUT
Differential Complementary clock output
61
DIF15
OUT
Differential true clock output
62
DIF15#
OUT
Differential Complementary clock output
63
GND
GND
Ground pin.
64
VDD
PWR
Power supply, nominal 3.3V
65
DIF16
OUT
Differential true clock output
66
DIF16#
OUT
Differential Complementary clock output
67
DIF17
OUT
Differential true clock output
68
DIF17#
OUT
Differential Complementary clock output
69
VDDIO
PWR
Power supply for differential outputs
70
GND
GND
Ground pin.
71
DIF18
OUT
Differential true clock output
72
DIF18#
OUT
Differential Complementary clock output
73
epad
GND
Connect EPAD to ground.


Similar Part No. - 9ZXL1950BKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1950BKLFT IDT-9ZXL1950BKLFT Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950BKLFT RENESAS-9ZXL1950BKLFT Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
More results

Similar Description - 9ZXL1950BKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
9ZXL1930 IDT-9ZXL1930_15 Datasheet
231Kb / 18P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
9ZXL0651 RENESAS-9ZXL0651 Datasheet
634Kb / 15P
   6-Output DB800ZL Derivative with Integrated 85ohm Terminations
January 28, 2021
logo
Integrated Device Techn...
9ZXL1251 IDT-9ZXL1251_16 Datasheet
378Kb / 20P
   12-output DB1200ZL Derivative with Integrated 85ohm Terminations
9ZXL1550 IDT-9ZXL1550_15 Datasheet
301Kb / 18P
   15-output DB1900Z Low-Power Derivative
9ZXL1530 IDT-9ZXL1530_15 Datasheet
227Kb / 19P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1530 RENESAS-9ZXL1530 Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com