Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5223B Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 1N5223B
Description  Zener Diode Die
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N5223B Datasheet(HTML) 2 Page - Central Semiconductor Corp

  1N5223B Datasheet HTML 1Page - Central Semiconductor Corp 1N5223B Datasheet HTML 2Page - Central Semiconductor Corp 1N5223B Datasheet HTML 3Page - Central Semiconductor Corp 1N5223B Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PACKING OPTIONS:
• CPZ28X-(type number)-CT: Singulated die in waffle pack; 400 die per tray.
• CPZ28X-(type number)-WN: Full wafer, unsawn, 100% tested with reject die inked.
• CPZ28X-(type number)-WR: Full wafer, sawn and mounted on plastic ring, 100% tested with reject die inked.
R0 (23-March 2015)
CPZ28X
Zener Diode Die
0.5W, 2.4 THRU 75 VOLT
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=1.1V MAX @ IF=200mA (for all types)
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
TEMPERATURE
COEFFICIENT
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR
@
VR
V
Z
V
V
V
mA
Ω
Ω
mA
μA
V
%/°C
1N5247B
16.15
17
17.85
7.4
19
600
0.25
0.1
13
+0.084
1N5248B
17.10
18
18.90
7.0
21
600
0.25
0.1
14
+0.085
1N5249B
18.05
19
19.95
6.6
23
600
0.25
0.1
14
+0.086
1N5250B
19.00
20
21.00
6.2
25
600
0.25
0.1
15
+0.086
1N5251B
20.90
22
23.10
5.6
29
600
0.25
0.1
17
+0.087
1N5252B
22.80
24
25.20
5.2
33
600
0.25
0.1
18
+0.088
1N5253B
23.75
25
26.25
5.0
35
600
0.25
0.1
19
+0.089
1N5254B
25.65
27
28.35
4.6
41
600
0.25
0.1
21
+0.090
1N5255B
26.60
28
29.40
4.5
44
600
0.25
0.1
21
+0.091
1N5256B
28.50
30
31.50
4.2
49
600
0.25
0.1
23
+0.091
1N5257B
31.35
33
34.65
3.8
58
700
0.25
0.1
25
+0.092
1N5258B
34.20
36
37.80
3.4
70
700
0.25
0.1
27
+0.093
1N5259B
37.05
39
40.95
3.2
80
800
0.25
0.1
30
+0.094
1N5260B
40.85
43
45.15
3.0
93
900
0.25
0.1
33
+0.095
1N5261B
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
+0.095
1N5262B
48.45
51
53.55
2.5
125
1100
0.25
0.1
39
+0.096
1N5263B
53.20
56
58.80
2.2
150
1300
0.25
0.1
43
+0.096
1N5264B
57.00
60
63.00
2.1
170
1400
0.25
0.1
46
+0.097
1N5265B
58.90
62
65.10
2.0
185
1400
0.25
0.1
47
+0.097
1N5266B
64.60
68
71.40
1.8
230
1600
0.25
0.1
52
+0.097
1N5267B
71.25
75
78.75
1.7
270
1700
0.25
0.1
56
+0.098
www.centr a lsemi.
com


Similar Part No. - 1N5223B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5223B VISHAY-1N5223B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
1N5223B VISHAY-1N5223B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5223B MCC-1N5223B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Fairchild Semiconductor
1N5223B FAIRCHILD-1N5223B Datasheet
193Kb / 4P
   Zeners
logo
Yea Shin Technology Co....
1N5223B YEASHIN-1N5223B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - 1N5223B

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
1N4617 SS-1N4617 Datasheet
308Kb / 3P
   Bare Die Zener Diode
logo
First Silicon Co., Ltd
BZX84C2V4 FS-BZX84C2V4 Datasheet
539Kb / 4P
   ZENER DIODE Planar Die Construction
logo
Central Semiconductor C...
CPZ18-BZX55C3V3 CENTRAL-CPZ18-BZX55C3V3 Datasheet
547Kb / 5P
   Zener Diode Die 500mW, 3.3 THRU 6.2 VOLT
R1 25-August 2017
logo
Silicon Supplies
BZX55C10 SS-BZX55C10 Datasheet
313Kb / 3P
   Silicon P lanar Zener diode in bare die form
BZX55C2V4 SS-BZX55C2V4 Datasheet
276Kb / 3P
   Silicon Planar Zener diode in bare die form ??5% tolerance
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
ABB
5SLX12K1711 ABB-5SLX12K1711 Datasheet
54Kb / 3P
   Fast-Diode Die
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
ABB
5SLX12M3301 ABB-5SLX12M3301 Datasheet
54Kb / 3P
   Fast-Diode Die
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com