Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9ZXL1950 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 9ZXL1950
Description  19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1950 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 9ZXL1950_17 Datasheet HTML 2Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 3Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 4Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 5Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 9Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE WITH 85OHM TERMINATIONS6
MAY 11, 2017
9ZXL1950 DATASHEET
Electrical Characteristics–Input/Supply/Common Output Parameters
TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, VDDIO = 1.05 to 3.3V +/-5%. See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Ambient Operating
Temperature
TCOM
Commmercial range
0
35
70
°C
Input High Voltage
VIH
Single-ended inputs, except SMBus, low
threshold and tri-level inputs
2VDD + 0.3
V
Input Low Voltage
VIL
Single-ended inputs, except SMBus, low
threshold and tri-level inputs
GND - 0.3
0.8
V
IIN
Single-ended inputs, VIN = GND, VIN = VDD
-5
5
uA
IINP
Single-ended inputs
VIN = 0 V; Inputs with internal pull-up resistors
VIN = VDD; Inputs with internal pull-down resistors
-200
200
uA
Fibyp
VDD = 3.3 V, Bypass mode
33
150
MHz
2
Fipll
VDD = 3.3 V, 100MHz PLL mode
90
100.00
110
MHz
2
Fipll
VDD = 3.3 V, 133.33MHz PLL mode
120
133.33
147
MHz
2
Pin Inductance
Lpin
7nH
1
CIN
Logic Inputs, except DIF_IN
1.5
5
pF
1
CINDIF_IN
DIF_IN differential clock inputs
1.5
2.7
pF
1,4
COUT
Output pin capacitance
6
pF
1
Clk Stabilization
TSTAB
From VDD Power-Up and after input clock
stabilization or de-assertion of PD# to 1st clock
0.65
1
ms
2
Input SS Modulation
Frequency
fMODIN
Allowable Frequency
(Triangular Modulation)
30
31.5
33
kHz
Tdrive_PD#
tDRVPD
DIF output enable after
PD# de-assertion
25
300
us
1,3
Tfall
tF
Fall time of control inputs
5
ns
1,2
Trise
tR
Rise time of control inputs
5
ns
1,2
SMBus Input Low Voltage
VILSMB
0.8
V
SMBus Input High Voltage
VIHSMB
2.1
VDDSMB
V
SMBus Output Low Voltage
VOLSMB
@ IPULLUP
0.4
V
SMBus Sink Current
IPULLUP
@ VOL
4mA
Nominal Bus Voltage
VDDSMB
3V to 5V +/- 10%
2.7
5.5
V
SCLK/SDATA Rise Time
tRSMB
(Max VIL - 0.15) to (Min VIH + 0.15)
1000
ns
1
SCLK/SDATA Fall Time
tFSMB
(Min VIH + 0.15) to (Max VIL - 0.15)
300
ns
1
SMBus Operating
Frequency
fSMB
SMBus operating frequency
100
kHz
5
1Guaranteed by design and characterization, not 100% tested in production.
2Control input must be monotonic from 20% to 80% of input swing.
3Time from deassertion until outputs are >200 mV
4DIF_IN input
5The differential input clock must be running for the SMBus to be active
Capacitance
Input Current
Input Frequency


Similar Part No. - 9ZXL1950_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
More results

Similar Description - 9ZXL1950_17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
9ZXL1930 IDT-9ZXL1930_15 Datasheet
231Kb / 18P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
9ZXL0651 RENESAS-9ZXL0651 Datasheet
634Kb / 15P
   6-Output DB800ZL Derivative with Integrated 85ohm Terminations
January 28, 2021
logo
Integrated Device Techn...
9ZXL1251 IDT-9ZXL1251_16 Datasheet
378Kb / 20P
   12-output DB1200ZL Derivative with Integrated 85ohm Terminations
9ZXL1550 IDT-9ZXL1550_15 Datasheet
301Kb / 18P
   15-output DB1900Z Low-Power Derivative
9ZXL1530 IDT-9ZXL1530_15 Datasheet
227Kb / 19P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1530 RENESAS-9ZXL1530 Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com