Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPZ28X Datasheet(PDF) 4 Page - Central Semiconductor Corp

Part # CPZ28X
Description  Zener Diode Die
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPZ28X Datasheet(HTML) 4 Page - Central Semiconductor Corp

  CPZ28X Datasheet HTML 1Page - Central Semiconductor Corp CPZ28X Datasheet HTML 2Page - Central Semiconductor Corp CPZ28X Datasheet HTML 3Page - Central Semiconductor Corp CPZ28X Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
For the latest version of Central Semiconductor’s LIMITATIONS AND DAMAGES DISCLAIMER,
which is part of Central’s Standard Terms and Conditions of sale, visit: www.centralsemi.com/terms
OUTSTANDING SUPPORT AND SUPERIOR SERVICES
PRODUCT SUPPORT
Central’s operations team provides the highest level of support to insure product is delivered on-time.
• Supply management (Customer portals)
• Custom bar coding for shipments
• Inventory bonding
• Custom product packing
• Consolidated shipping options
CONTACT US
Corporate Headquarters & Customer Support Team
Central Semiconductor Corp.
145 Adams Avenue
Hauppauge, NY 11788 USA
Main Tel: (631) 435-1110
Main Fax: (631) 435-1824
Support Team Fax: (631) 435-3388
www.centralsemi.com
Worldwide Field Representatives:
www.centralsemi.com/wwreps
Worldwide Distributors:
www.centralsemi.com/wwdistributors
DESIGNER SUPPORT/SERVICES
Central’s applications engineering team is ready to discuss your design challenges. Just ask.
• Free quick ship samples (2nd day air)
• Special wafer diffusions
• Online technical data and parametric search
• PbSn plating options
• SPICE models
• Package details
• Custom electrical curves
• Application notes
• Environmental regulation compliance
• Application and design sample kits
• Customer specific screening
• Custom product and package development
• Up-screening capabilities
(000)
www.centr a lsemi.com


Similar Part No. - CPZ28X

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPZ28X-1N4109-CT CENTRAL-CPZ28X-1N4109-CT Datasheet
547Kb / 5P
   Zener Diode Die 500mW, 3.3 THRU 6.2 VOLT
R1 25-August 2017
CPZ28X-1N4621-CT CENTRAL-CPZ28X-1N4621-CT Datasheet
547Kb / 5P
   Zener Diode Die 500mW, 3.3 THRU 6.2 VOLT
R1 25-August 2017
CPZ28X-1N4622-CT CENTRAL-CPZ28X-1N4622-CT Datasheet
465Kb / 9P
   P-Channel JFET Die
R1 17-January 2018
CPZ28X-1N4622-CT CENTRAL-CPZ28X-1N4622-CT Datasheet
530Kb / 9P
   PNP - High Voltage Transistor Die
R0 8-August 2019
CPZ28X-1N4626-CT CENTRAL-CPZ28X-1N4626-CT Datasheet
465Kb / 9P
   P-Channel JFET Die
R1 17-January 2018
More results

Similar Description - CPZ28X

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
1N4617 SS-1N4617 Datasheet
308Kb / 3P
   Bare Die Zener Diode
logo
First Silicon Co., Ltd
BZX84C2V4 FS-BZX84C2V4 Datasheet
539Kb / 4P
   ZENER DIODE Planar Die Construction
logo
Central Semiconductor C...
CPZ18-BZX55C3V3 CENTRAL-CPZ18-BZX55C3V3 Datasheet
547Kb / 5P
   Zener Diode Die 500mW, 3.3 THRU 6.2 VOLT
R1 25-August 2017
logo
Silicon Supplies
BZX55C10 SS-BZX55C10 Datasheet
313Kb / 3P
   Silicon P lanar Zener diode in bare die form
BZX55C2V4 SS-BZX55C2V4 Datasheet
276Kb / 3P
   Silicon Planar Zener diode in bare die form ??5% tolerance
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
ABB
5SLX12K1711 ABB-5SLX12K1711 Datasheet
54Kb / 3P
   Fast-Diode Die
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
ABB
5SLX12M3301 ABB-5SLX12M3301 Datasheet
54Kb / 3P
   Fast-Diode Die
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com